Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 10Page - STMicroelectronics L6739 Datasheet HTML 11Page - STMicroelectronics L6739 Datasheet HTML 12Page - STMicroelectronics L6739 Datasheet HTML 13Page - STMicroelectronics L6739 Datasheet HTML 14Page - STMicroelectronics L6739 Datasheet HTML 15Page - STMicroelectronics L6739 Datasheet HTML 16Page - STMicroelectronics L6739 Datasheet HTML 17Page - STMicroelectronics L6739 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Output voltage setting and protections
L6739
14/30
DocID026384 Rev 1
Overtemperature protection (OT)
To avoid any damage to the device when reaching high temperature, when the junction
temperature reaches 140 °C, the device turns off both MOSFETs. If the junction
temperature drops below 100 °C, the device restarts with a new soft-start sequence.
Protections are active also during soft-start (See Section 5).
For proper operations, VCC needs to be at least 1.5 V higher than the programmed output
voltage.
Table 7. L6739 Protection at a glance
Overcurrent
The overcurrent function protects the converter from a shorted output or overload, by
sensing the output current information across the inductor DCR. This method reduces cost
and enhances converter efficiency by avoiding the use of expensive and space consuming
sense resistors.
The inductor DCR current sense is implemented by comparing and monitoring the
difference between the CSP and CSN pins. If the monitored voltage is bigger than the
internal thresholds, an overcurrent event is detected.
DCR current sensing requires time constant matching between the inductor and the reading
network:
Equation 3
The L6739 device monitors the voltage between CSP and CSN, when this voltage exceeds
the OC threshold, an overcurrent is detected. The IC works in constant current mode,
turning on the low-side MOSFET immediately while the OC persists and, in any case, until
the next clock cycle. After seven consecutive OC events, overcurrent protection is triggered
and the IC latches.
L6739
Comments
Overvoltage (OV)
VSEN = +15% above reference.
Action: IC latch; LS = ON until VSEN = 50% of Vref; PGOOD = GND.
Action (EN = 0): IC latch; LS = ON; reset by EN rising edge (PreOVP).
Undervoltage (UV)
VSEN = -25% below reference.
Action: IC latch; HiZ; PGOOD = GND.
Action (SS): SS reset (VIN detection).
PGOOD
PGOOD is set to zero whenever VSEN falls outside the +15% / -25% of Vref.
Action: PGOOD transition coincides with OV/UV protection set.
Overcurrent (OC)
Current monitor across inductor DCR.
Action: 1st threshold (20 mV): IC latch after 7 consecutive constant current events.
Overtemperature (OT)
TJ > 140 °C.
Action: the device shuts down and restarts with a new soft-start sequence when the TJ
drops to 100 °C.
L
DCR
-------------
RC
VCSP-CSN DCR IOUT
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com