Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics L6739 Datasheet HTML 10Page - STMicroelectronics L6739 Datasheet HTML 11Page - STMicroelectronics L6739 Datasheet HTML 12Page - STMicroelectronics L6739 Datasheet HTML 13Page - STMicroelectronics L6739 Datasheet HTML 14Page - STMicroelectronics L6739 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID026384 Rev 1
11/30
L6739
Device description and operation
30
4
Device description and operation
The L6739 device is a single-phase PWM controller with embedded high current drivers that
provides complete control logic and protections to realize a general DC-DC step-down
converter. Designed to drive N-channel MOSFETs in a synchronous buck topology, with its
high level of integration, this 16-pin device allows a reduction of cost and size of the power
supply solution and also provides real-time PGOOD in a compact VFQFPN16 - 3 x 3 mm.
The L6739 is designed to operate from a 5 V or 12 V supply. The output voltage can be
precisely regulated to as low as 0.8 V with ± 0.5% accuracy over line and temperature
variations. The controller performs remote GND recovery to prevent losses and GND drops
to affect the regulation.
The switching frequency is internally set to 200 kHz and adjustable through the OSC pin.
The IC can be disabled by pulling the OSC pin low.
The L6739 device provides a simple control loop with a voltage-mode error amplifier. The
error amplifier features a 15 MHz gain bandwidth product and 8 V/µs slew rate, allowing
high regulator bandwidth for fast transient response.
To avoid load damages, the L6739 provides overcurrent protection, and overvoltage and
undervoltage protection. The overcurrent trip threshold is monitored through the inductor
DCR, assuring optimum precision, saving the use of an expensive and space consuming
sense resistor. The output voltage is monitored through the dedicated VSEN pin.
The L6739 implements soft-start by increasing the internal reference in closed loop
regulation. The low-side-less feature allows the device to perform the soft-start over pre-
biased output avoiding high current return through the output inductor and dangerous
negative spikes at the load side.
The L6739 device is available in a compact VFQFN16 - 3 x 3 mm package with an exposed
pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com