Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 22Page - STMicroelectronics L6739 Datasheet HTML 23Page - STMicroelectronics L6739 Datasheet HTML 24Page - STMicroelectronics L6739 Datasheet HTML 25Page - STMicroelectronics L6739 Datasheet HTML 26Page - STMicroelectronics L6739 Datasheet HTML 27Page - STMicroelectronics L6739 Datasheet HTML 28Page - STMicroelectronics L6739 Datasheet HTML 29Page - STMicroelectronics L6739 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package information
L6739
28/30
DocID026384 Rev 1
Table 8. VFQFPN 16 - 3 x 3 mm package mechanical data
Figure 15. Recommended footprint
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.02
A3
0.20
b
0.18
0.25
0.30
D
2.85
3.00
3.15
E
2.85
3.00
3.15
D2
1.70
1.80
1.90
E2
1.70
1.80
1.90
e0.50
L
0.45
0.50
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com