Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 12Page - STMicroelectronics L6739 Datasheet HTML 13Page - STMicroelectronics L6739 Datasheet HTML 14Page - STMicroelectronics L6739 Datasheet HTML 15Page - STMicroelectronics L6739 Datasheet HTML 16Page - STMicroelectronics L6739 Datasheet HTML 17Page - STMicroelectronics L6739 Datasheet HTML 18Page - STMicroelectronics L6739 Datasheet HTML 19Page - STMicroelectronics L6739 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Main oscillator
L6739
16/30
DocID026384 Rev 1
7
Main oscillator
The controller embeds a programmable oscillator. The internal oscillator generates the
sawtooth waveform for the PWM charging with a constant current and resetting an internal
capacitor. The switching frequency, FSW, is internally fixed at 200 kHz.
The current delivered to the oscillator is typically 20
A (corresponding to the free running
frequency FSW = 200 kHz) and it may be varied using an external resistor (ROSC) typically
connected between the OSC pin and GND. As the OSC pin is fixed at 1.240 V, the
frequency is varied proportionally to the current sunk from the pin considering the internal
gain of 10 kHz/
A (see Figure 7).
Connecting ROSC to GND, the frequency is increased (current is sunk from the pin),
according to the following relationships:
Equation 6
Connecting ROSC to a positive voltage, the frequency is reduced (current is forced into the
pin), according to the following relationships:
Equation 7
where Vj is the positive voltage to which the ROSC resistor is connected.
Figure 7. ROSC vs. switching frequency
FSW
200kHz
1.240V
ROSC
------------------- 10
kHz
A
-----------
+
=
FSW
200kHz
Vj 1.240
–
ROSC
-------------------------- 10
kHz
A
-----------


–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com