Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 11Page - STMicroelectronics L6739 Datasheet HTML 12Page - STMicroelectronics L6739 Datasheet HTML 13Page - STMicroelectronics L6739 Datasheet HTML 14Page - STMicroelectronics L6739 Datasheet HTML 15Page - STMicroelectronics L6739 Datasheet HTML 16Page - STMicroelectronics L6739 Datasheet HTML 17Page - STMicroelectronics L6739 Datasheet HTML 18Page - STMicroelectronics L6739 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DocID026384 Rev 1
15/30
L6739
Output voltage setting and protections
30
When overcurrent protection is triggered, the device turns off both LS and HS MOSFETs in
a latched condition.
To recover from an overcurrent protection triggered condition, VCC power supply or EN
must be cycled.
For proper current reading, the CSN pin must be filtered by 100 nF (typ.) MLCC to GND.
Note:
The device features an integrated OC thermal compensation in order to reduce the
influence of the temperature change of the inductor DCR. The internal temperature
coefficient compensation is 4000 ppm/°C (0.4%/°C).
Overcurrent threshold setting
The L6739 device detects OC when the difference between CSP and CSN is equal to
20 mV (typ.). By properly designing the current reading network, it is possible to program
the OC threshold as desired (See Figure 6).
Equation 4
Time constant matching is, in this case, designed considering:
Equation 5
This means that once inductor has been chosen, the two conditions above define the proper
values for R1 and R2.
Figure 6. Current reading network
IOCP
20mV
DCR
----------------
R1 R2
+
R2
----------------------
=
L
DCR
-------------
R1//R2
 C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com