Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6739 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6739
Description  CPU and DSP power supply
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6739 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6739 Datasheet HTML 3Page - STMicroelectronics L6739 Datasheet HTML 4Page - STMicroelectronics L6739 Datasheet HTML 5Page - STMicroelectronics L6739 Datasheet HTML 6Page - STMicroelectronics L6739 Datasheet HTML 7Page - STMicroelectronics L6739 Datasheet HTML 8Page - STMicroelectronics L6739 Datasheet HTML 9Page - STMicroelectronics L6739 Datasheet HTML 10Page - STMicroelectronics L6739 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID026384 Rev 1
7/30
L6739
Connection diagram and pin description
30
2.2
Thermal data
8COMP
Error amplifier output.
Connect with an RF - CF to FB. The device cannot be disabled by grounding this pin.
9FB
Error amplifier inverting input.
Connect with a resistor RFB to VSEN and with an RF - CF to COMP.
10
VSEN
Output voltage monitor.
It manages OVP and UVP protections and PGOOD. Connect to the positive side of the
load for remote sensing. See Section 6 on page 13 for details.
11
FBG
Remote ground sense.
Connect to the negative side of the load for remote sensing.
12
CSN
Current sense negative input.
Connect to the output-side of the main inductor. Filter with 100 nF (typ.) to GND.
13
CSP
Current sense positive input.
Connect through an R-C filter to the phase-side of the main inductor.
14
OSC
Oscillator, internally set to 1.24 V, it allows programming the switching frequency FSW of
the device, according to the resistor ROSC connected to GND with a gain of 10 kHz/µA
(see Section 7 on page 16 for details). If floating, the switching frequency is 200 kHz.
15
VCC
Device power supply.
Operative voltage is 5 V to 12 V bus. Filter with 1
F MLCC to GND.
For proper operations, VCC needs to be > 1.5 V higher than the programmed VOUT.
16
GND
All internal references, logic and driver return path are referenced to this pin. Connect to
the PCB GND ground plane and filter to VCC and VCCDR.
Thermal
PAD
The thermal pad connects the silicon substrate and makes good thermal contact with the
PCB. Use VIAs to connect to the PGND plane.
Table 2. Pin descriptions (continued)
Pin no.
Name
Function
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RTHJA
Thermal resistance junction to ambient
(device soldered on 2s2p PC board)
45
°C/W
RTHJC
Thermal resistance junction to case
1
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com