Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 3Page - STMicroelectronics LNBH25LS Datasheet HTML 4Page - STMicroelectronics LNBH25LS Datasheet HTML 5Page - STMicroelectronics LNBH25LS Datasheet HTML 6Page - STMicroelectronics LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LNBH25LS
Application information
DocID026753 Rev 3
7/30
2
Application information
This IC has a built-in DC-DC step-up converter that, from a single source (8 V to 16 V),
generates the voltages (Vup) that let the integrated LDO post-regulator (generating the 13 V
/18 V LNB output voltages plus the 22 kHz DiSEqC™ tone) work with a minimum
dissipated power of 0.5 W typ. @ 500 mA load (the LDO drop voltage is internally kept at
VUP-VOUT = 1 V typ.). The IC is also provided with an undervoltage lockout circuit that
disables the whole circuit when the supplied VCC drops below a fixed threshold (4.7 V typ.).
The step-up converter soft-start function reduces the inrush current during startup. The SS
time is internally fixed at 4 ms typ. to switch from 0 to 13 V and 6 ms typ. to switch from 0 to
18 V.
2.1
DiSEqC data encoding (DSQIN pin)
The internal 22 kHz tone generator is factory trimmed in accordance to DiSEqC standards,
and can be activated in 3 different ways:
1.
By an external 22 kHz source DiSEqC data connected to the DSQIN logic pin (TTL
compatible). In this case the I²C tone control bits must be set: EXTM = TEN = 1
2.
By an external DiSEqC data envelope source connected to the DSQIN logic pin. In
this case the I²C tone control bits must be set: EXTM = 0 and TEN = 1
3.
Through the TEN I²C bit if a 22 kHz presence is requested in continuous mode. In this
case the DSQIN TTL pin must be pulled HIGH and EXTM bit set to “0”
2.2
Data encoding by external 22 kHz tone TTL signal
In order to improve design flexibility an external tone signal can be input to the DSQIN pin
by setting the EXTM bit to “1”.
The DSQIN is a logic input pin which activates the 22 kHz tone to the VOUT pin, by using
the LNBH25LS integrated tone generator.
The output tone waveforms are internally controlled by the LNBH25LS tone generator in
terms of rise/fall time and tone amplitude, while, the external 22 kHz signal on the DSQIN
pin is used to define the frequency and the duty cycle of the output tone. A TTL compatible
22 kHz signal is required for the proper control of the DSQIN pin function. Before sending
the TTL signal on the DSQIN pin, the EXTM and TEN bits must be previously se
t to “1”. As
soon as the DSQIN internal circuit detects the 22 kHz TTL external signal code, the
LNBH25LS activates the 22 kHz tone on the VOUT output with about 1 µs delay from TTL
signal activation, and it stops with about 60 µs delay after the 22 kHz TTL signal on DSQIN
has expired, refer to Figure 2: "Tone enable and disable timing (using external waveform)".
Figure 2: Tone enable and disable timing (using external waveform)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com