Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 18Page - STMicroelectronics LNBH25LS Datasheet HTML 19Page - STMicroelectronics LNBH25LS Datasheet HTML 20Page - STMicroelectronics LNBH25LS Datasheet HTML 21Page - STMicroelectronics LNBH25LS Datasheet HTML 22Page - STMicroelectronics LNBH25LS Datasheet HTML 23Page - STMicroelectronics LNBH25LS Datasheet HTML 24Page - STMicroelectronics LNBH25LS Datasheet HTML 25Page - STMicroelectronics LNBH25LS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
I²C interface protocol
LNBH25LS
22/30
DocID026753 Rev 3
7.4
Status registers
The status 1, 2 registers can be addressed only in read mode and provide the diagnostic
functions described in the following tables.
Table 10: Status 1 (read register. Register address = 0X0)
Bit
Name
Value
Description
Bit 0
(LSB)
OLF
1
VOUT pin overload protection has been triggered (IOUT > ILIM). Refer
to Table 8: "Data 3 (read/write register. Register address = 0X4)" for
the overload operation settings (PCL bit)
0
No overload protection has been triggered to the VOUT pin (IOUT <
ILIM)
Bit 1
N/A
-
Reserved
Bit 2
N/A
-
Reserved
Bit 3
N/A
-
Reserved
Bit 4
N/A
-
Reserved
Bit 5
N/A
-
Reserved
Bit 6
OTF
1
Junction overtemperature is detected, TJ > 150 °C. See also THERM
bit setting in Table 9: "Data 4 (read/write register. Register address =
0X5)"
0
Junction overtemperature not detected, TJ < 135 °C. TJ is below
thermal protection threshold
Bit 7
(MSB)
PNG
1
Input voltage (VCC pin) lower than LPD minimum thresholds. Refer to
Table 12: "Electrical characteristics"
0
Input voltage (VCC pin) higher than LPD thresholds. Refer to Table
12: "Electrical characteristics"
N/A = reserved bit
All bits reset to 0 at power-on
Table 11: Status 2 (read register. Register address = 0X1)
Bit
Name
Value
Description
Bit 0
(LSB)
N/A
-
Reserved
Bit 1
N/A
-
Reserved
Bit 2
N/A
-
Reserved
Bit 3
N/A
-
Reserved
Bit 4
N/A
-
Reserved
Bit 5
N/A
-
Reserved
Bit 6
N/A
-
Reserved
Bit 7
(MSB)
N/A
-
Reserved
N/A = reserved bit
All bits reset to 0 at power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com