Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics LNBH25LS Datasheet HTML 12Page - STMicroelectronics LNBH25LS Datasheet HTML 13Page - STMicroelectronics LNBH25LS Datasheet HTML 14Page - STMicroelectronics LNBH25LS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LNBH25LS
Pin configuration
DocID026753 Rev 3
11/30
3
Pin configuration
Figure 5: Pin connections (top view)
Table 2: Pin description
Pin
Symbol
Name
Function
3
LX
NMOS drain
Integrated N-channel Power MOSFET drain
4
PGND
Power ground
DC-DC converter power ground. To be connected
directly to the exposed pad
6
ADDR
Address setting
Two I²C bus addresses available by setting the address
pin level voltage. See Table 15: "Address pin
characteristics"
7
SCL
Serial clock
Clock from I²C BUS
8
SDA
Serial data
Bi-directional data from/to I²C bus
9
ISEL
Current
selection
The resistor “RSEL” connected between ISEL and
GND defines the linear regulator current limit threshold.
See Section 6.5: "Transmission without acknowledge"
2,15,18,
19,23
GND
Analog ground
Analog circuits ground. To be connected directly to the
exposed pad
16
VBYP
Bypass
capacitor
Needed for internal pre-regulator filtering. The VBYP
pin is intended only to connect an external ceramic
capacitor. Any connection of this pin to external current
or voltage sources may cause permanent damage to
the device
17
VCC
Supply input
8 to 16 V IC DC-DC power supply
20
VOUT
LNB output port
Output of the integrated very low drop linear regulator.
See Table 13: "Output voltage selection table (data1
register, write mode)" for voltage selections and
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com