Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 6Page - STMicroelectronics LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics LNBH25LS Datasheet HTML 12Page - STMicroelectronics LNBH25LS Datasheet HTML 13Page - STMicroelectronics LNBH25LS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Application information
LNBH25LS
10/30
DocID026753 Rev 3
circuit current protection either statically (simple current clamp) or dynamically by the PCL
bit of the I²C data 3 register. When the PCL (pulsed current limiting) bit LOW, the
overcurrent protection circuit works dynamically: as soon as an overload is detected, the
output current is provided for TON time 90 ms, after which the output is set in shutdown for
TOFF time of typically 900 ms. Simultaneously, the diagnostic OLF I²C bit of the system
register is set to “1”. After this time has elapsed, the output is resumed for a time TON. At
the end of TON, if the overload is still detected, the protection circuit cycles again through
TOFF and TON. At the end of a full TON in which no overload is detected, normal operation is
resumed and the OLF diagnostic bit is reset to LOW after a register reading is done.
Typical TON +TOFF time is 990 ms and an internal timer determines it. This dynamic
operation can greatly reduce the power dissipation in short-circuit condition, still ensuring
excellent power-on startup in most conditions. However, there could be some cases in
which a highly capacitive load on the output may cause a difficult startup when the dynamic
protection is chosen. This can be solved by initiating any power startup in static mode
(PCL=1) and, then, switching to the dynamic mode (PCL=0) after a chosen amount of time
depending on the output capacitance. Also in static mode, the diagnostic OLF bit goes to
“1” when the current clamp limit is reached and returns LOW when the overload condition
is cleared and register reading is done.
After the overload condition is removed, normal operation can be resumed in two ways,
according to the OLR I²C bit on the data 4 register.
If OLR=1, all VSEL 1..4 bits are reset to “0” and LNB output (VOUT pin) is disabled. To re-
enable output stage, the VSEL bits must be set again by the microprocessor, and the OLF
bit is reset to “0” after a register reading operation.
If OLR=0, output is automatically re-enabled as soon as the overload condition is removed,
and the OLF bit is reset to “0” after a register reading operation.
2.12
OTF: thermal protection and diagnostic
The LNBH25LS is also protected against overheating: when the junction temperature
exceeds 150 °C (typ.), the step-up converter and the linear regulator are shut off, the
diagnostic OTF bit in the status1 register is set to “1”. After the overtemperature condition is
removed, normal operation can be resumed in two ways, according to the THERM I²C bit
on the data 4 register.
If THERM=1, all VSEL 1..4 bits are reset to “0” and LNB output (VOUT pin) is disabled. To
re-enable output stage, the VSEL bits must be set again by the microprocessor, while the
OTF bit is reset to “0” after a register reading operation.
If THERM=0, output is automatically re-enabled as soon as the overtemperature condition
is removed, while the OTF bit is re
set to “0” after a register reading operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com