Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH25LS Datasheet HTML 1Page - STMicroelectronics LNBH25LS Datasheet HTML 2Page - STMicroelectronics LNBH25LS Datasheet HTML 3Page - STMicroelectronics LNBH25LS Datasheet HTML 4Page - STMicroelectronics LNBH25LS Datasheet HTML 5Page - STMicroelectronics LNBH25LS Datasheet HTML 6Page - STMicroelectronics LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
March 2016
DocID026753 Rev 3
1/30
This is information on a product in full production.
www.st.com
LNBH25LS
LNB supply and control IC with step-up and I²C interface
Datasheet - production data
Features
Complete interface between LNB and I²C
bus
Built-in DC-DC converter for single 12 V
supply operation and high efficiency (typ.
93% @ 0.5 A)
Selectable output current limit by external
resistor
Compliant with main satellite receiver output
voltage specifications (15 programmable
levels)
Accurate built-in 22 kHz tone generator suits
widely accepted standards
22 kHz tone waveform integrity guaranteed
at no-load condition
Low drop post regulator and high efficiency
step-up PWM with integrated power NMOS
allowing low power losses
Overload and overtemperature internal
protections with I²C diagnostic bits
LNB short-circuit dynamic protection
+/- 4 kV ESD tolerant on output power pins
Applications
STB satellite receivers
TV satellite receivers
PC card satellite receivers
Description
Intended for analog and digital satellite
receivers/Sat-TV and Sat-PC cards, the
LNBH25LS is a monolithic voltage regulator and
interface IC, assembled in QFN24L (4x4 mm)
specifically designed to provide 13/18 V power
supply and 22 kHz tone signaling to the LNB
down-converter in the antenna dish or to the
multi-switch box. In this application field, it offers
a complete solution with extremely low
component count and low power dissipation
together with a simple design and I²C standard
interface.
Table 1: Device summary
Order code
Package
Packing
LNBH25LSPQR
QFN24L (4x4 mm)
Tape and
reel


Similar Part No. - LNBH25LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH25L STMICROELECTRONICS-LNBH25L Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
More results

Similar Description - LNBH25LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Nov-2002
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
Apr-2004
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
05-Oct-2004
LNBH24_0808 STMICROELECTRONICS-LNBH24_0808 Datasheet
438Kb / 30P
Dual LNB supply and control IC with step-up and I²C interface
27-Aug-2008
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
483Kb / 25P
LNB supply and control IC with step-up and I2C interface
29-Nov-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
LNBH29 STMICROELECTRONICS-LNBH29 Datasheet
1Mb / 31P
LNB supply and control IC with step-up and I²C interface
15-Mar-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com