Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 15Page - STMicroelectronics LNBH25LS Datasheet HTML 16Page - STMicroelectronics LNBH25LS Datasheet HTML 17Page - STMicroelectronics LNBH25LS Datasheet HTML 18Page - STMicroelectronics LNBH25LS Datasheet HTML 19Page - STMicroelectronics LNBH25LS Datasheet HTML 20Page - STMicroelectronics LNBH25LS Datasheet HTML 21Page - STMicroelectronics LNBH25LS Datasheet HTML 22Page - STMicroelectronics LNBH25LS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LNBH25LS
I²C interface protocol
DocID026753 Rev 3
19/30
The transmission is terminated when the master sets the acknowledge high with the
following stop bit
Figure 11: Example of reading procedure starting with first status address 0X0
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address.
The writing procedure can start from any register address (status 1, 2 or data 1..4)
by simply setting X values in the register address byte (after the chip address). It
can be also stopped by the master by sending a stop condition after any
acknowledge bit.
7.3
Data registers
The data 1..4 registers can be addressed both in write and read mode. In read mode they
return the last writing byte status received in the previous write transmission.
The following tables provide the register address values of data 1..4 and a function
description of each bit.
Table 6: Data 1 (read/write register. Register address = 0X2)
Bit
Name
Value
Description
Bit 0
(LSB)
VSEL1
0/1
Output voltage selection bits. See Table 13: "Output voltage
selection table (data1 register, write mode)"
Bit 1
VSEL2
0/1
Bit 2
VSEL3
0/1
Bit 3
VSEL4
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com