Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 21 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 17Page - STMicroelectronics LNBH25LS Datasheet HTML 18Page - STMicroelectronics LNBH25LS Datasheet HTML 19Page - STMicroelectronics LNBH25LS Datasheet HTML 20Page - STMicroelectronics LNBH25LS Datasheet HTML 21Page - STMicroelectronics LNBH25LS Datasheet HTML 22Page - STMicroelectronics LNBH25LS Datasheet HTML 23Page - STMicroelectronics LNBH25LS Datasheet HTML 24Page - STMicroelectronics LNBH25LS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LNBH25LS
I²C interface protocol
DocID026753 Rev 3
21/30
All bits reset to 0 at power-on
Table 9: Data 4 (read/write register. Register address = 0X5)
Bit
Name
Value
Description
Bit 0
(LSB)
N/A
0
Reserved. Keep to “0”
Bit 1
N/A
0
Reserved. Keep to “0”
Bit 2
N/A
0
Reserved. Keep to “0”
Bit 3
OLR
1
In case overload protection activation (OLF=1), all VSEL 1..4 bits
are reset to “0” and LNB output (VOUT pin) is disabled. The VSEL
bit must be set again by the master after the overcurrent condition
is removed (OLF=0)
0
In case of overload protection activation (OLF=1) the LNB output
(VOUT pin) is automatically enabled as soon as the overload
condition is removed (OLF=0) with the previous VSEL bits setting
Bit 4
N/A
0
Reserved. Keep to “0”
Bit 5
N/A
0
Reserved. Keep to “0”
Bit 6
THERM
1
If thermal protection is activated (OTF=1), all VSEL 1..4 bits are
reset to “0” and LNB output (VOUT pin) is disabled. The VSEL bit
must be set again by the master after the overtemperature
condition is removed (OTF=0)
0
In case of thermal protection activation (OTF=1) the LNB output
(VOUT pin) is automatically enabled as soon as the
overtemperature condition is removed (OTF=0) with the previous
VSEL bits setting
Bit 7
(MSB)
COMP
1
DC-DC converter compensation: set to use very low E.S.R.
capacitors or ceramic caps on VUP pin
0
DC-DC converter compensation: set to use standard electrolytic
capacitors on VUP pin
N/A = reserved bit
All bits reset to 0 at power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com