Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics LNBH25LS Datasheet HTML 12Page - STMicroelectronics LNBH25LS Datasheet HTML 13Page - STMicroelectronics LNBH25LS Datasheet HTML 14Page - STMicroelectronics LNBH25LS Datasheet HTML 15Page - STMicroelectronics LNBH25LS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Pin configuration
LNBH25LS
12/30
DocID026753 Rev 3
Pin
Symbol
Name
Function
21
VUP
Step-up voltage
Input of the linear post-regulator. The voltage on this
pin is monitored by the internal step-up controller to
keep a minimum dropout across the linear pass
transistor
22
DSQIN
DSQIN for
DiSEqC
envelope input
or
external 22 kHz
TTL input
It can be used as DiSEqC envelope input or external 22
kHz TTL input depending on the EXTM I²C bit setting
as follows:
EXTM=0, TEN=1: it accepts the DiSEqC envelope
code from the main microcontroller. The LNBH25LS
uses this code to modulate the internally generated 22
kHz carrier.
If EXTM=TEN=1: it accepts external 22 kHz logic
signals which activate the 22 kHz tone output, refer to
Section 2.3: "Data encoding by external DiSEqC
envelope control through the DSQIN pin".
Pull-up high if the tone output is activated only by the
TEN I²C bit
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground
layer through vias to dissipate the heat
1, 5, 10,
11, 12,
13, 14,
24
NC
Not internally
connected
Not internally connected pins. These pins can be
connected to GND to improve thermal performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com