Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 4Page - STMicroelectronics LNBH25LS Datasheet HTML 5Page - STMicroelectronics LNBH25LS Datasheet HTML 6Page - STMicroelectronics LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics LNBH25LS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Application information
LNBH25LS
8/30
DocID026753 Rev 3
2.3
Data encoding by external DiSEqC envelope control through
the DSQIN pin
If an external DiSEqC envelope source is available, it is possible to use the internal 22 kHz
generator activated during the tone transmission by connecting the DiSEqC envelope
source to the DSQIN pin. In this case the I²C tone control bits must be set: EXTM = 0 and
TEN = 1. In this way, the internal 22 kHz signal is superimposed to the VOUT DC voltage to
generate the LNB output 22 kHz tone. During the period in which the DSQIN is kept HIGH,
the internal control circuit activates the 22 kHz tone output.
The 22 kHz tone on the VOUT pin actives with about 6 µs delay from the DSQIN TTL
signal rising edge, and it stops with a delay time in the range from 15 µs to 60 µs after the
22 kHz TTL signal on DSQIN has expired, refer to Figure 3: "Tone enable and disable
timing (using envelope signal)".
Figure 3: Tone enable and disable timing (using envelope signal)
2.4
Output current limit selection
The linear regulator current limit threshold can be set by an external resistor connected to
the ISEL pin. The resistor value defines the output current limit by the equation:
where RSEL is the resistor connected between ISEL and GND expressed in kΩ and
ILIM(typ.) is the typical current limit threshold expressed in mA. ILIM can be set up to 750 mA.
2.5
Output voltage selection
The linear regulator output voltage level can be easily programmed in order to accomplish
application specific requirements, using 4 bits of an internal data 1 register, see Section
7.3: "Data registers" and Table 13: "Output voltage selection table (data1 register, write
mode)" for exact programmable values. Register writing is accessible via the I²C bus.
2.6
Diagnostic and protection functions
The LNBH25LS has 3 diagnostic internal functions provided by I²C bus, by reading 3 bits
on the status 1 register (in read mode). All the diagnostic bits are, in normal operation (that
is no failure detected), set to LOW. Two diagnostic bits are dedicated to the
overtemperature and overload protection status (OTF and OLF). One bit is dedicated to the
input voltage (PNG) function. Once OLF (or OTF or PNG) bit has been activated (set to
“1”), it is latched to “1” until relevant cause is removed and a new register reading operation
is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com