Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 5Page - STMicroelectronics LNBH25LS Datasheet HTML 6Page - STMicroelectronics LNBH25LS Datasheet HTML 7Page - STMicroelectronics LNBH25LS Datasheet HTML 8Page - STMicroelectronics LNBH25LS Datasheet HTML 9Page - STMicroelectronics LNBH25LS Datasheet HTML 10Page - STMicroelectronics LNBH25LS Datasheet HTML 11Page - STMicroelectronics LNBH25LS Datasheet HTML 12Page - STMicroelectronics LNBH25LS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LNBH25LS
Application information
DocID026753 Rev 3
9/30
2.7
Surge protections and TVS diodes
The LNBH25LS device is directly connected to the antenna cable in a set-top box.
Atmospheric phenomenon can cause high voltage discharges on the antenna cable
causing damage to the attached devices. Surge pulses occur due to direct or indirect
lightning strikes to an external (outdoor) circuit. This leads to currents or electromagnetic
fields causing high voltage or current transients. Transient voltage suppressor (TVS)
devices are usually placed, as shown in the following schematic, to protect the STB output
circuits where the LNBH25LS and other devices are electrically connected to the antenna
cable.
Figure 4: Surge protection circuit
For this purpose we recommend the use of LNBTVSxx surge protection diodes specifically
designed by ST. The selection of LNBTVS diodes should be based on the maximum peak
power dissipation supported by the diode, see the LNBTVS datasheet for further details.
2.8
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH25LS is automatically reset at power-on. As long as
the VCC stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface
does not respond to any I²C command and all data register bits are initialized to zeros,
therefore keeping the power blocks disabled. Once the VCC rises above 4.8 V typ. the I²C
interface becomes operative and the data registers can be configured by the main
microprocessor.
2.9
PNG: input voltage minimum detection
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum
thresholds, the PNG I²C bit is set to “1”.
2.10
COMP: boost capacitors and inductor
The DC-DC converter compensation loop can be optimized in order to properly work with
both ceramic and electrolytic capacitors (VUP pin). For this purpose, one I²C bit in the data
4 register, see COMP Table 9: "Data 4 (read/write register. Register address = 0X5)" can
be set to “1” or “0” as follows:
COMP = 0 for electrolytic capacitors
COMP = 1 for ceramic capacitors
For recommended DC-DC capacitor and inductor values refer to Section 5: "Typical
application circuits" and to the BOM in Table 5: "DiSEqC 1.x bill of material".
2.11
OLF: overcurrent, short-circuit protection and diagnostic
In order to reduce the total power dissipation during an overload or a short-circuit condition,
the device is provided with a dynamic short-circuit protection. It is possible to set short-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com