Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH25LS Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH25LS
Description  LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH25LS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH25LS Datasheet HTML 14Page - STMicroelectronics LNBH25LS Datasheet HTML 15Page - STMicroelectronics LNBH25LS Datasheet HTML 16Page - STMicroelectronics LNBH25LS Datasheet HTML 17Page - STMicroelectronics LNBH25LS Datasheet HTML 18Page - STMicroelectronics LNBH25LS Datasheet HTML 19Page - STMicroelectronics LNBH25LS Datasheet HTML 20Page - STMicroelectronics LNBH25LS Datasheet HTML 21Page - STMicroelectronics LNBH25LS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
I²C interface protocol
LNBH25LS
18/30
DocID026753 Rev 3
7
I²C interface protocol
7.1
Write mode transmission
The LNBH25S interface protocol is made up of:
A start condition (S)
A chip address byte with the LSB bit R/W = 0
A register address (internal address of the first register to be accessed)
A sequence of data (byte to write to the addressed internal register + acknowledge)
The following bytes, if any, to be written to successive internal registers
A stop condition (P). The transfer lasts until a stop bit is encountered
The LNBH25S, as slave, acknowledges every byte transfer
Figure 10: Example of writing procedure starting with first data address 0X2
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address.
The writing procedure can start from any register address by simply setting X
values in the register address byte (after the chip address). It can be also stopped
by the master by sending a stop condition after any acknowledge bit.
7.2
Read mode transmission
In read mode the byte sequence as follows:
A start condition (S)
A chip address byte with the LSB bit R/W=0
The register address byte of the internal first register to be accessed
A stop condition (P)
A new master transmission with the chip address byte and the LSB bit R/W=1
After acknowledge, the LNBH25S starts to send the addressed register content. As
long as the master keeps the acknowledge low, the LNBH25S transmits the next
address register byte content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com