Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 51Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 52Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 53Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 54Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 55Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 56Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 57Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 58Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 279 page
background image
ST72361xx-Auto
Interrupts
Doc ID 12468 Rev 3
55/279
Table 16.
Interrupt mapping
N°
Source
block
Description
Register
label
Priority
order
Exit
from
Halt(1)
Address
vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-
FFFFh
TRAP
Software interrupt
no
FFFCh-
FFFDh
0
TLI
External top level interrupt
EICR
yes
FFFAh-
FFFBh
1
MCC/RTC
Main clock controller time base interrupt
MCCSR
yes
FFF8h-FFF9h
2
ei0/AWUFH
External interrupt ei0/ Auto wake-up from Halt
EICR/AW
UCSR
yes(2)
FFF6h-FFF7h
3ei1/AVD
External interrupt ei1/Auxiliary Voltage
Detector
EICR/
SICSR
FFF4h-FFF5h
4
ei2
External interrupt ei2
EICR
FFF2h-FFF3h
5
ei3
External interrupt ei3
EICR
FFF0h-FFF1h
6
not used
FFEEh-
FFEFh
7
not used
FFECh-
FFEDh
8
SPI
SPI peripheral interrupts
SPICSR
yes
FFEAh-
FFEBh
9
TIMER8
8-bit TIMER peripheral interrupts
T8_TCR1
no
FFE8h-
FFE9h
10
TIMER16
16-bit TIMER peripheral interrupts
TCR1
no
FFE6h-
FFE7h
11
LINSCI2
LINSCI2 Peripheral interrupts
SCI2CR1
no
FFE4h-
FFE5h
12
LINSCI1
LINSCI1 Peripheral interrupts (LIN
Master/Slave)
SCI1CR1
no
FFE2h-
FFE3h
13
PWM ART
8-bit PWM ART interrupts
PWMCR
yes
FFE0h-
FFE1h
1.
Valid for HALT and ACTIVE HALT modes except for the MCC/RTC interrupt source which exits from ACTIVE HALT mode
only.
2.
Except AVD interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com