Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 1 Page - STMicroelectronics

  ST72361K9-Auto Datasheet HTML 1Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 2Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 3Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 4Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 5Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 6Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 7Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 8Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 279 page
background image
August 2010
Doc ID 12468 Rev 3
1/279
1
ST72361xx-Auto
8-bit MCU for automotive with Flash or ROM,
10-bit ADC, 5 timers, SPI, LINSCI™
Features
■ Memories
– 16 K to 60 K High Density Flash (HDFlash)
or ROM with read-out protection capability.
In-application programming and in-circuit
programming for HDFlash devices
– 1.5 to 2 K RAM
– HDFlash endurance: 100 cycles, data
retention 20 years at 55 °C
■ Clock, reset and supply management
–Low power crystal/ceramic resonator
oscillators and bypass for external clock
– PLL for 2 x frequency multiplication
– 5 power saving modes: halt, auto wake up
from halt, active halt, wait and slow
■ Interrupt management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– TLI top level interrupt (on 64-pin devices)
– Up to 21 external interrupt lines (on 4
vectors)
■ Up to 48 I/O ports
– Up to 48 multifunctional bidirectional I/O
lines
– Up to 36 alternate function lines
– Up to 6 high sink outputs
■ 5 timers
– 16-bit timer with 2 input captures, 2 output
compares, external clock input, PWM and
pulse generator modes
– 8-bit timer with 1 or 2 input captures, 1 or 2
output compares, PWM and pulse
generator modes
– 8-bit PWM auto-reload timer with 1 or 2
input captures, 2 or 4 independent PWM
output channels, output compare and time
base interrupt, external clock with event
detector
– Main clock controller with real-time base
and clock output
– Window watchdog timer
■ Up to 3 communications interfaces
– SPI synchronous serial interface
– Master/ slave LINSCI™ asynchronous
serial interface
– Master only LINSCI™ asynchronous serial
interface
■ Analog peripheral (low current coupling)
– 10-bit A/D converter with up to 16 inputs
– Up to 9 robust ports (low current coupling)
■ Instruction set
– 8-bit data manipulation
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
■ Development tools
– Full hardware/ software development
package
Table 1.
Device summary
Reference
Part number
ST72361xx
-Auto
ST72361K4-Auto, ST72361K6-Auto,
ST72361K7-Auto, ST72361K9-Auto,
ST72361J4-Auto, ST72361J6-Auto,
ST72361J7-Auto, ST72361J9-Auto,
ST72361AR4-Auto, ST72361AR6-Auto,
ST72361AR7-Auto, ST72361AR9-Auto
LQFP32 7x7mm
LQFP44 10x10mm
LQFP64 10x10mm
www.st.com


Similar Part No. - ST72361K9-Auto

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
26-Sep-2006
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
19-Jun-2007
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
19-Jun-2007
More results

Similar Description - ST72361K9-Auto

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com