Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 61Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 62Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 63Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 64Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 65Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 66Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 67Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 68Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 279 page
background image
ST72361xx-Auto
Power saving modes
Doc ID 12468 Rev 3
65/279
Halt mode recommendations
●
Make sure that an external event is available to wake up the microcontroller from Halt
mode.
●
When using an external interrupt to wake up the microcontroller, reinitialize the
corresponding I/O as “Input Pull-up with Interrupt” before executing the HALT
instruction. The main reason for this is that the I/O may be wrongly configured due to
external interference or by an unforeseen logical condition.
●
For the same reason, reinitialize the level sensitiveness of each external interrupt as a
precautionary measure.
●
The opcode for the HALT instruction is 0x8E. To avoid an unexpected HALT instruction
due to a program counter failure, it is advised to clear all occurrences of the data value
0x8E from memory. For example, avoid defining a constant in ROM with the value
0x8E.
●
As the HALT instruction clears the interrupt mask in the CC register to allow interrupts,
the user may choose to clear all pending interrupt bits before executing the HALT
instruction. This avoids entering other peripheral interrupt routines after executing the
external interrupt routine corresponding to the wake-up event (reset or external
interrupt).
7.5
Active halt mode
ACTIVE HALT mode is the lowest power consumption mode of the MCU with a real time
clock available. It is entered by executing the ‘HALT’ instruction when MCC/RTC interrupt
enable flag (OIE bit in MCCSR register) is set and when the AWUEN bit in the AWUCSR
register is cleared (Section 7.6.1: Register description)
The MCU can exit ACTIVE HALT mode on reception of the RTC interrupt and some specific
interrupts (see Table 16) or a RESET. When exiting ACTIVE HALT mode by means of a
RESET a 4096 or 256 CPU cycle delay occurs (depending on the option byte). After the
start up delay, the CPU resumes operation by servicing the interrupt or by fetching the reset
vector which woke it up (see Figure 28).
When entering ACTIVE HALT mode, the I[1:0] bits in the CC register are are forced to ‘10b’
to enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately.
In ACTIVE HALT mode, only the main oscillator and its associated counter (MCC/RTC) are
running to keep a wake-up time base. All other peripherals are not clocked except those
which get their clock supply from another clock generator (such as external or auxiliary
oscillator).
The safeguard against staying locked in ACTIVE HALT mode is provided by the oscillator
interrupt.
Table 22.
MCC/RTC low power mode selection
MCCSR
OIE bit
Power saving mode entered when HALT instruction is executed
0
HALT mode
1
ACTIVE HALT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com