Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 94Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 95Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 96Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 97Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 98Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 99Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 100Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 101Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 279 page
background image
PWM auto-reload timer (ART)
ST72361xx-Auto
98/279
Doc ID 12468 Rev 3
Bit 0 = OVF Overflow Flag
This bit is set by hardware and cleared by software reading the ARTCSR register. It
indicates the transition of the counter from FFh to the ARTARR value.
0: New transition not yet reached
1: Transition reached
Counter Access Register (ARTCAR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7:0 = CA[7:0] Counter Access Data
These bits can be set and cleared either by hardware or by software. The ARTCAR register
is used to read or write the auto-reload counter “on the fly” (while it is counting).
Auto-Reload Register (ARTARR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7:0 = AR[7:0] Counter Auto-Reload Data
These bits are set and cleared by software. They are used to hold the auto-reload value
which is automatically loaded in the counter when an overflow occurs. At the same time, the
PWM output levels are changed according to the corresponding OPx bit in the PWMCR
register.
This register has two PWM management functions:
●
Adjusting the PWM frequency
●
Setting the PWM duty cycle resolution
7
0
CA7
CA6
CA5
CA4
CA3
CA2
CA1
CA0
7
0
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
Table 44.
PWM frequency vs resolution
ARTARR value
Resolution
fPWM
Min
Max
0
8-bit
~0.244 kHz
31.25 kHz
[0..127]
> 7-bit
~0.244 kHz
62.5 kHz
[128..191]
> 6-bit
~0.488 kHz
125 kHz
[192..223]
> 5-bit
~0.977 kHz
250 kHz
[224..239]
> 4-bit
~1.953 kHz
500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com