Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 91Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 92Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 93Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 94Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 95Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 96Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 97Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 98Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 279 page
background image
ST72361xx-Auto
PWM auto-reload timer (ART)
Doc ID 12468 Rev 3
95/279
Each input capture can generate an interrupt independently on a selected input signal
transition. This event is flagged by a set of the corresponding CFx bits of the Input Capture
Control/Status register (ARTICCSR).
These input capture interrupts are enabled through the CIEx bits of the ARTICCSR register.
The active transition (falling or rising edge) is software programmable through the CSx bits
of the ARTICCSR register.
The read only input capture registers (ARTICRx) are used to latch the auto-reload counter
value when a transition is detected on the ARTICx pin (CFx bit set in ARTICCSR register).
After fetching the interrupt vector, the CFx flags can be read to identify the interrupt source.
Note:
After a capture detection, data transfer in the ARTICRx register is inhibited until the next
read (clearing the CFx bit).
The timer interrupt remains pending while the CFx flag is set when the interrupt is enabled
(CIEx bit set). This means, the ARTICRx register has to be read at each capture event to
clear the CFx flag.
The timing resolution is given by auto-reload counter cycle time (1/fCOUNTER).
Note:
During HALT mode, input capture is inhibited (the ARTICRx is never reloaded) and only the
external interrupt capability can be used.
The ARTICx signal is synchronized on CPU clock. It takes two rising edges until ARTICRx is
latched with the counter value. Depending on the prescaler value and the time when the
ICAP event occurs, the value loaded in the ARTICRx register may be different.
If the counter is clocked with the CPU clock, the value latched in ARTICRx is always the next
counter value after the event on ARTICx occurred (Figure 44).
If the counter clock is prescaled, it depends on the position of the ARTICx event within the
counter cycle (Figure 45).
Figure 44.
Input capture timing diagram, fCOUNTER = fCPU
04h
COUNTER
t
01h
fCOUNTER
xxh
02h
03h
05h
06h
07h
05h
ARTICx PIN
CFx FLAG
ICAP SAMPLED
INTERRUPT
fCPU
ICAP SAMPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com