Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 65Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 66Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 67Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 68Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 69Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 70Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 71Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 72Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 279 page
background image
ST72361xx-Auto
Power saving modes
Doc ID 12468 Rev 3
69/279
7.6.1
Register description
AWUFH control/status register (AWUCSR)
Read/Write (except bit 2 read only)
Reset value: 0000 0000 (00h)
Bits 7:3 = Reserved.
Bit 2 = AWUF Auto Wake-Up Flag
This bit is set by hardware when the AWU module generates an interrupt and cleared by
software on reading AWUCSR.
0: No AWU interrupt occurred
1: AWU interrupt occurred
Bit 1 = AWUM Auto Wake-Up Measurement
This bit enables the AWU RC oscillator and connects its output to the ICAP1 input of the 16-
bit timer. This allows the timer to be used to measure the AWU RC oscillator dispersion and
then compensate this dispersion by providing the right value in the AWUPR register.
0: Measurement disabled
1: Measurement enabled
Bit 0 = AWUEN Auto Wake-Up From Halt Enabled
This bit enables the Auto Wake-Up From Halt feature: once HALT mode is entered, the
AWUFH wakes up the microcontroller after a time delay defined by the AWU prescaler
value. It is set and cleared by software.
0: AWUFH (Auto Wake-Up From Halt) mode disabled
1: AWUFH (Auto Wake-Up From Halt) mode enabled
AWUFH prescaler register (AWUPR)
Read/Write
Reset value: 1111 1111 (FFh)
Bits 7:0 = AWUPR[7:0] Auto Wake-Up Prescaler
These 8 bits define the AWUPR Dividing factor as explained below:
7
0
0
0
0
0
0
AWUF
AWUM
AWUEN
7
0
AWUPR7
AWUPR6
AWUPR5
AWUPR4
AWUPR3
AWUPR2
AWUPR1
AWUPR0
Table 23.
AWUPR prescaler
AWUPR[7:0]
Dividing factor
00h
Forbidden (See note)
01h
1
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com