Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 90Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 91Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 92Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 93Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 94Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 95Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 96Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 97Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 279 page
background image
PWM auto-reload timer (ART)
ST72361xx-Auto
94/279
Doc ID 12468 Rev 3
Figure 42.
PWM signal from 0% to 100% duty cycle
11.2.6
Output compare and Time base interrupt
On overflow, the OVF flag of the ARTCSR register is set and an overflow interrupt request is
generated if the overflow interrupt enable bit, OIE, in the ARTCSR register, is set. The OVF
flag must be reset by the user software. This interrupt can be used as a time base in the
application.
11.2.7
External clock and event detector mode
Using the fEXT external prescaler input clock, the auto-reload timer can be used as an
external clock event detector. In this mode, the ARTARR register is used to select the
nEVENT number of events to be counted before setting the OVF flag.
nEVENT = 256 - ARTARR
Caution:
The external clock function is not available in HALT mode. If HALT mode is used in the
application, prior to executing the HALT instruction, the counter must be disabled by clearing
the TCE bit in the ARTCSR register to avoid spurious counter increments.
Figure 43.
External event detector example (3 counts)
11.2.8
Input capture function
Input Capture mode allows the measurement of external signal pulse widths through
ARTICRx registers.
COUNTER
t
FDh
FEh
FFh
FDh
FEh
FFh
FDh
FEh
OCRx=FCh
OCRx=FDh
OCRx=FEh
OCRx=FFh
ARTARR
fCOUNTER
=FDh
COUNTER
t
FDh
FEh
FFh
FDh
OVF
ARTCSR READ
INTERRUPT
ARTARR
fEXT =fCOUNTER
FEh
FFh
FDh
IF OIE = 1
INTERRUPT
IF OIE = 1
ARTCSR READ
=FDh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com