Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 80Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 81Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 82Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 83Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 84Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 85Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 86Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 87Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 279 page
background image
Window watchdog (WWDG)
ST72361xx-Auto
84/279
Doc ID 12468 Rev 3
Figure 37.
Window watchdog timing diagram
9.6
Low power modes
9.7
Hardware watchdog option
If Hardware Watchdog is selected by option byte, the watchdog is always active and the
WDGA bit in the WDGCR is not used. Refer to the Option Byte description.
T6 bit
Reset
WDGWR
T[5:0] CNT downcounter
time
Refresh Window
Refresh not allowed
(step = 16384/fOSC2)
3Fh
Table 36.
Effect of low power modes on WDG
Mode
Description
SLOW
No effect on Watchdog: the downcounter continues to decrement at normal speed.
WAIT
No effect on Watchdog: the downcounter continues to decrement.
HALT
OIE bit in
MCCSR
register
WDGHALT
bit in Option
Byte
00
No Watchdog reset is generated. The MCU enters Halt mode. The
Watchdog counter is decremented once and then stops counting and is
no longer able to generate a watchdog reset until the MCU receives an
external interrupt or a reset.
If an interrupt is received (refer to interrupt table mapping to see
interrupts which can occur in halt mode), the Watchdog restarts counting
after 256 or 4096 CPU clocks. If a reset is generated, the Watchdog is
disabled (reset state) unless Hardware Watchdog is selected by option
byte. For application recommendations see Section 9.8: Using halt
mode with the WDG (WDGHALT option) below.
0
1
A reset is generated instead of entering halt mode.
ACTIVE
HALT
1x
No reset is generated. The MCU enters Active Halt mode. The
Watchdog counter is not decremented. It stop counting. When the MCU
receives an oscillator interrupt or external interrupt, the Watchdog
restarts counting immediately. When the MCU receives a reset the
Watchdog restarts counting after 256 or 4096 CPU clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com