Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 21Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 22Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 23Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 24Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 25Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 26Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 27Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 28Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 279 page
background image
ST72361xx-Auto
Description
Doc ID 12468 Rev 3
25/279
20
-
-
PE2 / AIN14
I/O
TT
X
X
RB X
X
Port E2
ADC analog input 14
21
-
-
PE3 / AIN15
I/O
TT
X
X
RB X
X
Port E3
ADC analog input 15
22 13 10 PB5 / AIN1 / ICCDATA I/O
CT
Xei1 RB X
X
Port B5
ICC data
input
ADC
analog
input 1
23 14 11
PB6 / AIN2 /
T16_OCMP1
I/O
CT
XX
RB X
X
Port B6
TIM16
output
compare 1
ADC
analog
input 2
24 15
-
VSS_2
S
Digital ground voltage
25 16
-
VDD_2
S
Digital main supply voltage
26 17 12
PB7 /AIN3 /
T16_OCMP2
I/O
CT
XX
RB X
X
Port B7
TIM16
output
compare 2
ADC
analog
input 3
27 18 13
PC0 / AIN4 /
T16_ICAP1
I/O
CT
XX
RB X
X
Port C0
TIM16
input
capture 1
ADC
analog
input 4
28 19 14
PC1 (HS) /
T16_ICAP2
I/O
CT HS X
ei2
X
X
Port C1
TIM16 input capture 2
29 20 15
PC2 (HS) /
T16_EXTCLK
I/O
CT HS X
ei2
X
X
Port C2
TIM16 external clock
input
30 21
-
PE4
I/O
TT
XX
X
X
Port E4
31
-
-
NC
Not Connected
32 22 16 VPP
I
Flash programming voltage.Must
be tied low in user mode
33 23 17 PC3
I/O
CT
XX
X
X
Port C3
34 24 18 PC4
I/O
CT
XX(3)
Port C4
35
-
-
PE5
I/O
TT
XX
X
X
Port E5
36 25
-
PE6 / AIN5
I/O
TT
X
X
X
X
X
Port E6
ADC analog input 5
37 26 19 PC5 /MISO
I/O
CT
X
X
X
X
Port C5
SPI master in/slave out
38 27 20 PC6 / MOSI
I/O
CT
X
X
X
X
Port C6
SPI master out/slave in
39 28 21 PC7 /SCK
I/O
CT
X
X
X
X
Port C7
SPI serial clock
40
-
-
VSS_1
S
Digital ground voltage
41
-
-
VDD_1
S
Digital main supply voltage
42 29 22 PD0 / SS/ AIN6
I/O
CT
Xei3
X
X
X
Port D0
SPI slave
select
ADC
analog
input 6
43
-
-
PE7
I/O
TT
XX
X
X
Port E7
Table 3.
Device pin description (continued)
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input(1)
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com