Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 35Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 36Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 37Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 38Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 39Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 40Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 41Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 42Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 279 page
background image
ST72361xx-Auto
Supply, reset and clock management
Doc ID 12468 Rev 3
39/279
5
Supply, reset and clock management
5.1
Introduction
The device includes a range of utility features for securing the application in critical
situations (for example, in case of a power brown-out), and reducing the number of external
components. An overview is shown in Figure 11.
For more details, refer to dedicated parametric section.
5.2
Main features
●
Optional PLL for multiplying the frequency by 2
●
Reset Sequence Manager (RSM)
●
Multi-Oscillator Clock Management (MO)
–
4 Crystal/Ceramic resonator oscillators
●
System Integrity Management (SI)
–
Main supply Low voltage detection (LVD)
–
Auxiliary Voltage detector (AVD) with interrupt capability for monitoring the main
supply
5.3
Phase locked loop
If the clock frequency input to the PLL is in the range 2 to 4 MHz, the PLL can be used to
multiply the frequency by two to obtain an fOSC2 of 4 to 8 MHz. The PLL is enabled by option
byte. If the PLL is disabled, then fOSC2 =fOSC/2.
Caution:
The PLL is not recommended for applications where timing accuracy is required.
Section 20.5.2: PLL characteristics
Figure 10.
PLL block diagram
0
1
PLL OPTION BIT
PLL x 2
fOSC2
/ 2
fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com