Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361K9-Auto Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST72361K9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K9-Auto Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST72361K9-Auto Datasheet HTML 20Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 21Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 22Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 23Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 24Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 25Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 26Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 27Page - STMicroelectronics ST72361K9-Auto Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 279 page
background image
Description
ST72361xx-Auto
24/279
Doc ID 12468 Rev 3
List of abbreviations used in Table 3
Type:
I = input, O = output, S = supply
In/Output level: CT= CMOS 0.3VDD/0.7VDD with Schmitt trigger
TT= TTL 0.8V / 2V with Schmitt trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
Input:
float = floating, wpu = weak pull-up, int = interrupt, ana = analog,
RB = robust
Output:
OD = open drain, PP = push-pull
Refer to Chapter 8: I/O ports for more details on the software configuration of the I/O ports.
The RESET configuration of each pin is shown in bold which is valid as long as the device is
in reset state.
Table 3.
Device pin description
Pin n°
Pin name
Level
Port
Main
function
(after
reset)
Alternate function
Input(1)
Output
111
OSC1(2)
I
External clock input or resonator
oscillator inverter input
222
OSC2(2)
I/O
Resonator oscillator inverter output
3
-
-
PA0 / ARTIC1
I/O
CT
X
ei0
X
X
Port A0
ART input capture 1
4
3
3
PA1 / PWM0
I/O
CT
X
ei0
X
X
Port A1
ART PWM output 0
5
4
4
PA2 (HS) / PWM1
I/O
CT HS X
ei0
X
X
Port A2
ART PWM output 1
6
5
-
PA3 / PWM2
I/O
CT
X
ei0
X
X
Port A3
ART PWM output 2
7
6
-
PA4 / PWM3
I/O
CT
X
ei0
X
X
Port A4
ART PWM output 3
8-
-
VSS_3
S
Digital ground voltage
9-
-
VDD_3
S
Digital main supply voltage
10
7
5
PA5 (HS) / ARTCLK
I/O
CT HS X
ei0
X
X
Port A5
ART external clock
11
8
-
PA6 (HS) / ARTIC2
I/O
CT HS X
ei0
X
X
Port A6
ART input capture 2
12
-
-
PA7 / T8_OCMP2
I/O
CT
X
ei0
X
X
Port A7
TIM8 output capture 2
13
-
-
PB0 /T8_ICAP2
I/O
CT
X
ei1
X
X
Port B0
TIM8 input capture 2
14
9
6
PB1 /T8_OCMP1
I/O
CT
X
ei1
X
X
Port B1
TIM8 output capture 1
15 10
7
PB2 / T8_ICAP1
I/O
CT
X
ei1
X
X
Port B2
TIM8 input capture 1
16 11
8
PB3 / MCO
I/O
CT
X
ei1
X
X
Port B3
Main clock out (fOSC2)
17
-
-
PE0 / AIN12
I/O
TT
X
X
RB X
X
Port E0
ADC analog input 12
18
-
-
PE1 / AIN13
I/O
TT
X
X
RB X
X
Port E1
ADC analog input 13
19 12
9
PB4 / AIN0 / ICCCLK
I/O
CT
X
ei1
RB X
X
Port B4
ICC clock
input
ADC
analog
input 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com