| Electronic Components Datasheet Search |
|
ST72361K9-Auto Datasheet(PDF) 176 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361K9-Auto Datasheet(HTML) 176 Page - STMicroelectronics |
|
176 / 279 page ![]() LINSCI serial communication interface (LIN master/slave) ST72361xx-Auto 176/279 Doc ID 12468 Rev 3 Note: It is recommended to combine the header detection function with Mute mode. Putting the LINSCI in mute mode allows the detection of Headers only and prevents the reception of any other characters. This mode can be used to wait for the next header without being interrupted by the data bytes of the current message in case this message is not relevant for the application. Synch break detection (LHDM = 0) When a LIN synch break is received: ● The RDRF bit in the SCISR register is set. It indicates that the content of the shift register is transferred to the SCIDR register, a value of 0x00 is expected for a break. ● The LHDF flag in the SCICR3 register indicates that a LIN synch break field has been detected. ● An interrupt is generated if the LHIE bit in the SCICR3 register is set and the I[1:0] bits are cleared in the CCR register. ● Then the LIN synch field is received and measured. – If automatic resynchronization is enabled (LASE bit = 1), the LIN synch field is not transferred to the shift register: there is no need to clear the RDRF bit. – If automatic resynchronization is disabled (LASE bit = 0), the LIN synch field is received as a normal character and transferred to the SCIDR register and RDRF is set. Note: In LIN slave mode, the FE bit detects all frame error which does not correspond to a break. Identifier detection (LHDM = 1) This case is the same as the previous one except that the LHDF and the RDRF flags are set only after the entire header has been received (this is true whether automatic resynchronization is enabled or not). This indicates that the LIN Identifier is available in the SCIDR register. Note: During LIN synch field measurement, the SCI state machine is switched off: no characters are transferred to the data register. LIN slave parity In LIN slave mode (LINE and LSLV bits are set) LIN parity checking can be enabled by setting the PCE bit. In this case, the parity bits of the LIN identifier field are checked. The identifier character is recognized as the 3rd received character after a break character (included): The bits involved are the two MSB positions (7th and 8th bits if M = 0; 8th and 9th bits if M = 0) of the identifier character. The check is performed as specified by the LIN specification: LIN Synch LIN Synch Identifier parity bits Field Field Break |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |