Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP3076 Datasheet HTML 1Page - National Semiconductor (TI) TP3076 Datasheet HTML 2Page - National Semiconductor (TI) TP3076 Datasheet HTML 3Page - National Semiconductor (TI) TP3076 Datasheet HTML 4Page - National Semiconductor (TI) TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Functional Description (Continued)
The desired modes for all programmable functions may be
initialized via the control port prior to a Power-up command.
POWER-DOWN STATE
Following a period of activity in the powered-up state the
power-down state may be re-entered by writing any of the
control instructions into the serial control port with the “P” bit
set to “1” as indicated in
Table 1. It is recommended that the
chip be powered down before writing any additional instruc-
tions. In the power-down state, all non-essential circuitry is
de-activated and the D
X1 output is in the high impedance
TRI-STATE condition.
The data stored in the Gain Control registers, the LDR and
ILR, and all control bits remain unchanged in the
power-down state unless changed by writing new data via
the serial control port, which remains active. The outputs of
the Interface Latches also remain active, maintaining the
ability to monitor and control the SLIC.
TRANSMIT FILTER AND ENCODER
The Transmit section input, VF
XI, is a high impedance input.
No external components are necessary to set the gain. Fol-
lowing this is a programmable gain/attenuation amplifier
which is controlled by the contents of the Transmit Gain Reg-
ister (see Programmable Functions section). An active
pre-filter then precedes the 3rd order high-pass and 5th or-
der low-pass switched capacitor filters. The A/D converter
has a compressing characteristic according to the standard
CCITT A or µ255 coding laws, which must be selected by a
control instruction during initialization (see
Table 1 and Table
2). A precision on-chip voltage reference ensures accurate
and highly stable transmission levels. Any offset voltage aris-
ing in the gain-set amplifier, the filters or the comparator is
canceled by an internal auto-zero circuit.
Each encode cycle begins immediately following the as-
signed Transmit time-slot. The total signal delay referenced
to the start of the time-slot is approximately 165 µs (due to
the Transmit Filter) plus 125 µs (due to encoding delay),
which totals 290 µs. Data is shifted out on D
X1 during the se-
lected time slot on eight rising edges of BCLK.
DECODER AND RECEIVER FILTER
PCM data is shifted into the Decoder’s Receive PCM Regis-
ter via the D
R1 pin during the selected time-slot on the 8 fall-
ing edges of BCLK. The Decoder consists of an expanding
DAC with either A or µ255 law decoding characteristic, which
is selected by the same control instruction used to select the
Encode law during initialization. Following the Decoder is a
5th order low-pass switched capacitor filter with integral Sin
x/x correction for the 8 kHz sample and hold. A program-
mable gain amplifier, which must be set by writing to the Re-
ceive Gain Register, is included, and finally a Power Ampli-
fier capable of driving a 300
Ω load to ±3.5V, a 600Ω load to
±3.8V or a 15 k
Ω load to ±4.0V at peak overload.
TABLE 1. Programmable Register Instructions
Function
Byte 1 (Notes 1, 2, 3)
Byte 2 (Note 1)
7654321076543210
Single Byte Power-Up/Down
PXXXXX
0
X
None
Write Control Register
P
000001
X
See
Table 2
Read-Back Control Register
P
000011
X
See
Table 2
Write to Interface Latch Register
P
000101
X
See
Table 4
Read Interface Latch Register
P
000111
X
See
Table 4
Write Latch Direction Register
P
001001
X
See
Table 3
Read Latch Direction Register
P
001011
X
See
Table 3
Write Receive Gain Register
P
010001
X
See
Table 8
Read Receive Gain Register
P
010011
X
See
Table 8
Write Transmit Gain Register
P
010101
X
See
Table 7
Read Transmit Gain Register
P
010111
X
See
Table 7
Write Receive Time-Slot/Port
P
100101
X
See
Table 6
Read-Back Receive Time-Slot/Port
P
100111
X
See
Table 6
Write Transmit Time-Slot/Port
P
101001
X
See
Table 6
Read-Back Transmit Time-Slot/Port
P
101011
X
See
Table 6
Note 1: Bit 7 of bytes 1 and 2 is always the first bit clocked into or out from the CI or CO pin. X = don’t care.
Note 2: “P” is the power-up/down control bit, see Power-up/Down Control section. (“0” = Power Up, “1” = Power Down)
Note 3: Other register address codes are invalid and should not be used.
A decode cycle begins immediately after the assigned re-
ceive timeslot, and 10 µs later the Decoder DAC output is
updated. The total signal delay is 10 µs plus 120 µs (filter de-
lay) plus 62.5 µs (1⁄2 frame) which gives approximately 190
µs.
PCM INTERFACE
The FS
X and FSR frame sync inputs determine the begin-
ning of the 8-bit transmit and receive time-slots respectively.
They may have any duration from a single cycle of BCLK
HIGH to one MCLK period LOW. Two different relationships
may be established between the frame sync inputs and the
actual time-slots on the PCM busses by setting bit 3 in the
Control Register (see
Table 2). Non-delayed data mode is
similar to long-frame timing on the TP3050/60 series of de-
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com