Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 2Page - National Semiconductor (TI) TP3076 Datasheet HTML 3Page - National Semiconductor (TI) TP3076 Datasheet HTML 4Page - National Semiconductor (TI) TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) TP3076 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Programmable Functions (Continued)
TABLE 6. Time-Slot and Port Assignment Instruction
Bit Number and Name
Function
7
6
5
43210
EN
PS
T
5
T
4
T
3
T
2
T
1
T
0
(Note 6)
(Note 7)
0
1
X
XXXXX
Disable D
X1 Output (Transmit Instruction)
Disable D
R1 Input (Receive Instruction)
1
1
Assign One Binary Coded Time-Slot from 0–63
Enable D
X1 Output (Transmit Instruction)
Assign One Binary Coded Time-Slot from 0–63
Enable D
R1 Input (Transmit Instruction)
Note 6: The “PS” bit MUST be set to “1” for both transmit and receive for the TP3076.
Note 7: T5 is the MSB of the time-slot assignment bit field. Time-slot bits should be set to “000000” for both transmit and receive when operating in non-delayed data
timing mode.
TIME-SLOT ASSIGNMENT
COMBO II can operate in either fixed time-slot or time-slot
assignment mode for selecting the Transmit and Receive
PCM time-slots. Following power-on, the device is automati-
cally in Non-Delayed Timing mode, in which the time-slot al-
ways begins with the leading (rising) edge of frame sync in-
puts FS
X and FSR. Time-Slot Assignment may only be used
with Delay Data timing; see
Figure 4.FS
X and FSR may
have any phase relationship with each other in BCLK period
increments.
Alternatively, the internal time-slot assignment counters and
comparators can be used to access any time-slot in a frame,
using the frame sync inputs as marker pulses for the begin-
ning of transmit and receive time-slot 0. In this mode, a
frame may consist of up to 64 time-slots of 8 bits each. A
time-slot is assigned by a 2-byte instruction as shown in
Table 1 and Table 6. The last 6 bits of the second byte indi-
cate the selected time-slot from 0–63 using straight binary
notation. When writing a time-slot and port assignment reg-
ister, if the PCM interface is currently active, it is immediately
deactivated to prevent possible bus clashes. A new assign-
ment becomes active on the second frame following the end
of the Chip-Select for the second control byte. Rewriting of
the register contents should not be performed during the
talking period of a connection to prevent waveform distortion
caused by loss of a sample which will occur with each regis-
ter write. The “EN” bit allows the PCM input, D
R1, or output,
D
X1, as appropriate, to be enabled or disabled.
Time-Slot Assignment mode requires that the FS
X and FSR
pulses conform to the delayed data timing format shown in
Figure 4.
PORT SELECTION
On the TP3076, the “PS” bit MUST always be set to 1.
Table 6 shows the format for the second byte of both trans-
mit and receive time-slot and port assignment instructions.
TRANSMIT GAIN INSTRUCTION BYTE 2
The transmit gain can be programmed in 0.1 dB steps by
writing to the Transmit Gain Register as defined in
Table 1
and
Table 7. This corresponds to a range of 0 dBm0 levels at
VF
XI between 1.375 Vrms and 0.074 Vrms (equivalent to
+5.0 dBm to −20.4 dBm in 600
Ω).
To calculate the binary code for byte 2 of this instruction for
any desired input 0 dBm0 level in Vrms, take the nearest in-
teger to the decimal number given by:
200 x log
10 (V/0.07299)
and convert to the binary equivalent. Some examples are
given in
Table 7. A complete tabulation is given in Appendix
I of AN-614.
It should be noted that the Transmit (idle channel) Noise and
Transmit Signal to Total Distortion are both specified with
transmit gain set to 0 dB (gain register set to all ones). At
high transmit gains there will be some degradation in noise
performance for these parameters. See Application Note
AN-614 for more information on this subject.
TABLE 7. Byte 2 of Transmit Gain Instruction
Bit Number
0 dBm0 Test Level (Vrms)
76543210
at VF
XI
00000000
No Output (Note 8)
00000001
0.074
00000010
0.075
——
11111110
1.359
11111111
1.375
Note 8: Analog signal path is cut off, but DX remains active and will output
codes representing idle noise.
RECEIVE GAIN INSTRUCTION BYTE 2
The receive gain can be programmed in 0.1 dB steps by writ-
ing to the Receive Gain Register as defined in
Table 1 and
Table 8. Note the following restrictions on output drive capa-
bility:
1.
0 dBm0 levels
≤ 1.96 Vrms at VF
RO may be driven into
a load of
≥ 15 kΩ to GND; Receive Gain set to 0 dB (gain
register set to all ones).
2.
0 dBm0 levels
≤ 1.85 Vrms at VF
RO may be driven into
a load of
≥ 600Ω to GND; Receive Gain set to 0.5 dB.
3.
0 dBm0 levels
≤ 1.71 Vrms at VF
RO may be driven into
a load of
≥ 300 Ω to GND. Receive Gain set to −1.2 dB.
To calculate the binary code for byte 2 of this instruction for
any desired output 0 dBm0 level in Vrms, take the nearest in-
teger to the decimal number given by:
200 x log
10 (V/0.1043)
and convert to the binary equivalent. Some examples are
given in
Table 8. A complete tabulation is given in Appendix I
or AN-614.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com