Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 3Page - National Semiconductor (TI) TP3076 Datasheet HTML 4Page - National Semiconductor (TI) TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Programmable Functions (Continued)
TABLE 8. Byte 2 of Receive Gain Instruction
Bit Number
0 dBm0 Test Level (Vrms)
76543210
at VF
RO
00000000
No Output (Low Z to GND)
00000001
0.105
00000010
0.107
——
11111110
1.941
11111111
1.964
Applications Information
Figure 2 shows a typical ISDN phone application of the
TP3076 together with a TP3420 ISDN Transceiver “S” Inter-
face Device and HPC16400 High-Performance Microcontrol-
ler with HDLC Controller. The TP3076 device is programmed
over
its
serial
control
interface
via
the
HPC16400
MICROWIRE/PLUS™ serial I/O port.
POWER SUPPLIES
While the pins of the TP3076 COMBO II device are well pro-
tected against electrical misuse, it is recommended that the
standard CMOS practice of applying GND to the device be-
fore any other connections are made should always be fol-
lowed. In applications where the printed circuit card may be
plugged into a hot socket with power and clocks already
present, an extra long ground pin on the connector should be
used and a Schottky diode connected between V
BB and
GND.
To minimize noise sources all ground connections to each
device should meet at a common point as close as possible
to the GND pin in order to prevent the interaction of ground
return currents flowing through a common bus impedance.
Power supply decoupling capacitors of 0.1 µF should be
connected from this common point to V
CC and VBB as close
to the device pins as possible.
Further guidelines on PCB layout techniques are provided in
Application Note AN-614, “COMBO II™ Programmable PCM
CODEC/Filter Family Application Guide”.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com