Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) TP3076 Datasheet HTML 14Page - National Semiconductor (TI) TP3076 Datasheet HTML 15Page - National Semiconductor (TI) TP3076 Datasheet HTML 16Page - National Semiconductor (TI) TP3076 Datasheet HTML 17Page - National Semiconductor (TI) TP3076 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI = 0 dBm0, DR1 = 0 dBm0 PCM code.
Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB Gain). All other limits are assured by correla-
tion with other production tests and/or product design and characterization. All signals referenced to GND. Typicals specified
at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ENVELOPE DELAY DISTORTION WITH FREQUENCY
D
XR
Tx Delay, Relative to DXA
f = 500 Hz–600 Hz
220
µs
f = 600 Hz–800 Hz
145
µs
f = 800 Hz–1000 Hz
75
µs
f = 1000 Hz–1600 Hz
40
µs
f = 1600 Hz–2600 Hz
75
µs
f = 2600 Hz–2800 Hz
105
µs
f = 2800 Hz–3000 Hz
155
µs
D
RA
Rx Delay, Absolute
f = 1600 Hz
200
µs
D
RR
Rx Delay, Relative to DRA
f = 500 Hz–1000 Hz
−40
µs
f = 1000 Hz–1600 Hz
−30
µs
f = 1600 Hz–2600 Hz
90
µs
f = 2600 Hz–2800 Hz
125
µs
f = 2800 Hz–3000 Hz
175
µs
NOISE
N
XC
Transmit Noise, C Message
(Note 15) 11111111
12
15
dBrnC0
Weighted, µ-Law Selected
in Gain Register
N
XP
Transmit Noise, P Message
(Note 15) 11111111
−74
−67
dBm0p
Weighted, A-Law Selected
in Gain Register
N
RC
Receive Noise, C Message
PCM Code is Alternating Positive
8
11
dBrnC0
Weighted, µ-Law Selected
N
RP
Receive Noise, P Message
PCM Code Equals Positive Zero
−82
−79
dBm0p
Weighted, A-Law Selected
N
RS
Noise, Single Frequency
f = 0 kHz to 100 kHz, Loop Around
−53
dBm0
Measurement, VF
XI = 0 Vrms
PPSR
X
Positive Power Supply
V
CC = 5.0 VDC + 100 mVrms
Rejection, Transmit
f = 0 kHz–4 kHz (Note 16)
36
dBC
f = 4 kHz–50 kHz
30
dBC
NPSR
X
Negative Power Supply
V
BB = −5.0 VDC +100 mVrms
Rejection, Transmit
f = 0 kHz–4 kHz (Note 16)
36
dBC
f = 4 kHz–50 kHz
30
dBC
PPSR
R
Positive Power Supply
PCM Code Equals Positive Zero
Rejection, Receive
V
CC = 5.0 VDC + 100 mVrms
Measure VF
RO
f = 0 Hz–4000 Hz
36
dBC
f = 4 kHz–25 kHz
40
dB
f = 25 kHz–50 kHz
36
dB
NPSR
R
Negative Power Supply
PCM Code Equals Positive Zero
Rejection, Receive
V
BB = −5.0 VDC + 100 mVrms
Measure VF
RO
f = 0 Hz–4000 Hz
36
dBC
f = 4 kHz–25 kHz
40
dB
f = 25 kHz–50 kHz
36
dB
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com