Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) TP3076 Datasheet HTML 14Page - National Semiconductor (TI) TP3076 Datasheet HTML 15Page - National Semiconductor (TI) TP3076 Datasheet HTML 16Page - National Semiconductor (TI) TP3076 Datasheet HTML 17Page - National Semiconductor (TI) TP3076 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI = 0 dBm0, DR1 = 0 dBm0 PCM code.
Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB Gain). All other limits are assured by correla-
tion with other production tests and/or product design and characterization. All signals referenced to GND. Typicals specified
at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NOISE
SOS
Spurous Out-of-Band
0 dBm0 300 Hz to 3400 Hz Input PCM Code
Signals Applied at the
at D
R1
Channel Output
4600 Hz–7600 Hz
−30
dB
7600 Hz–8400 Hz
−40
dB
8400 Hz–50,000 Hz
−30
dB
DISTORTION
STD
X
Signal to Total Distortion
Sinusoidal Test Method
STD
R
Transmit or Receive
Level = 3.0 dBm0
33
dBC
Half-Channel, µ-Law
= 0 dBm0 to −30 dBm0
36
dBC
Selected
= −40 dBm0
30
dBC
= −45 dBm0
25
dBC
STD
RL
Single to Total Distortion
Sinusoidal Test Method
Receive with Resistive
Level = +3.1 dBm0
Load
R
L = 600Ω,GR = −0.5 dB
33
dBC
R
L = 300Ω,GR = −1.2 dB
33
dBC
SFD
X
Single Frequency
−46
dB
Distortion, Transmit
SFD
R
Single Frequency
−46
dB
Distortion, Receive
IMD
Intermodulation Distortion
Transmit or Receive
Two Frequencies in the Range
−41
dB
300 Hz–3400 Hz
CROSSTALK
CT
X-R
Transmit to Receive Crosstalk,
f = 300 Hz–3400 Hz
−90
−75
dB
0 dBm0 Transmit Level
D
R = Idle Code
CT
R-X
Receive to Transmit Crosstalk,
f = 300 Hz–3400 Hz
−90
−70
dB
0 dBm0 Receive Level
(Note 16)
Note 15: Measured by grounded input at VFXI.
Note 16: PPSRX, NPSRX, and CTR-X are measured with a −50 dBm0 activation signal applied to VFXI.
Note 17: A signal is Valid if it is above VIHor below VIL and Invalid if it is between VIL and VIH. For the purposes of this specification the following conditions apply:
a) All input signals are defined as: VIL = 0.4V, VIH = 2.7V, tR < 10 ns, tF < 10 ns.
b) tR is measured from VIL to VIH.tF is measured from VIH to VIL.
c) Delay Times are measured from the input signal Valid to the output signal Valid.
d) Setup Times are measured from the data input Valid to the clock input Invalid.
e) Hold Times are measured from the clock signal Valid to the data input Invalid.
f) Pulse widths are measured from VIL to VIL or from VIH to VIH.
Note 18: A multi-tone test technique is used.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com