Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Absolute Maximum Ratings (Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
7V
Voltage at VF
XIVCC +0.5V to VBB −0.5V
Voltage at Any Digital Input
V
CC +0.5V to GND −0.5V
Storage Temperature Range
−65˚C to +150˚C
V
BB to GND
−7V
Current at VF
R0
±100 mA
Current at Any Digital Output
±50 mA
Lead Temperature
(Soldering, 10 sec.)
300˚C
Electrical Characteristics
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other production
tests and/or product design and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V,
T
A = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACES
V
IL
Input Low Voltage
All Digital Inputs (DC Meas.)
0.7
V
V
IH
Input High Voltage
All Digital Inputs (DC Meas.) (Note 13)
2.0
V
V
OL
Output Low Voltage
D
X1, TSX1, and CO, IL = 3.2 mA,
0.4
V
All Other Digital Outputs, I
L = 1mA
V
OH
Output High Voltage
D
X1 and CO, IL = −3.2 mA,
2.4
V
All Other Digital Outputs (except TS
X), IL = −1 mA
All Digital Outputs, I
L = −100 µA
V
CC − 0.5
V
I
IL
Input Low Current
Any Digital Input, GND < V
IN < VIL
−10
10
µA
I
IH
Input High Current
Any Digital Input, except MR, V
IH < VIN < VCC
−10
10
µA
MR Only
−10
100
I
OZ
Output Current in
D
X1, TSX1 and CO
High Impedance
IL3–IL0 when Selected as Inputs
−10
10
µA
State (TRI-STATE )
GND < V
OUT < VCC
ANALOG INTERFACES
I
VFXI
Input Current, VF
XI
−3.3V < VF
XI < 3.3V
−1.0
1.0
µA
R
VFXI
Input Resistance
−3.3V < VF
XI < 3.3V
1.0
M
Ω
VOS
X
Input Offset Voltage
Transmit Gain = 0 dB
200
mV
Applied at VF
XI
Transmit Gain = 25.40 dB
10
mV
RL
VFRO
Load Resistance
Receive Gain = 0 dB
15k
Receive Gain = −0.5 dB
600
Ω
Receive Gain = −1.2 dB
300
CL
VFRO
Load Capacitance
RL
VFRO ≥ 300Ω
200
pF
CL
VFRO from VFROtoGND
RO
VFRO
Output Resistance
Steady Zero PCM Code Applied to D
R1
1.0
3.0
Ω
VOS
R
Output Offset Voltage
Alternating ± Zero PCM Code Applied
−200
200
mV
at V
FRO
D
R1, Maximum Receive Gain
POWER DISSIPATION
I
CC0
Power Down Current
CCLK, CI, CO = 0.4V, CS = 2.4V
Interface Latches Set as Outputs with No Load,
0.1
0.6
mA
All Other Inputs Active, Power Amp Disabled
I
BB0
Power Down Current
As Above
−0.1
−0.3
mA
I
CC1
Power Up Current
CCLK, CI, CO = 0.4V, CS = 2.4V
No Load on Power Amp
8.0
11.0
mA
Interface Latches Set as Outputs with No Load
I
BB1
Power Up Current
As Above
−8.0
−11.0
mA
I
CC2
Power Down Current
As Above, Power Amp Enabled
2.0
3.0
mA
I
BB2
Power Down Current
As Above, Power Amp Enabled
−2.0
−3.0
mA
Note 12: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com