Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TP3076 Datasheet HTML 1Page - National Semiconductor (TI) TP3076 Datasheet HTML 2Page - National Semiconductor (TI) TP3076 Datasheet HTML 3Page - National Semiconductor (TI) TP3076 Datasheet HTML 4Page - National Semiconductor (TI) TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Programmable Functions (Continued)
Coding Law Selection
Bits “MA” and “IA” in
Table 2 permit the selection of µ255
coding or A-law coding, with or without even bit inversion.
Analog Loopback
Analog Loopback mode is entered by setting the “AL” and
“DL” bits in the Control Register as shown in
Table 2.Inthe
analog loopback mode, the Transmit input VF
XI is isolated
from the input pin and internally connected to the VF
RO out-
put, forming a loop from the Receive PCM Register back to
the Transmit PCM Register. The VF
RO pin remains active,
and the programmed settings of the Transmit and Receive
gains remain unchanged, thus care must be taken to ensure
that overload levels are not exceeded anywhere in the loop.
Digital Loopback
Digital Loopback mode is entered by setting the “AL” and
“DL” bits in the Control Register as shown in
Table 2. This
mode provides another stage of path verification by enabling
data written into the Receive PCM Register to be read back
from that register in any Transmit time-slot at D
X1. PCM de-
coding continues and analog output appears at VF
R0. The
output can be disabled by programming ‘No Output’ in the
Receive Gain Register (see
Table 8).
INTERFACE LATCH DIRECTIONS
Immediately following power-on, all Interface Latches as-
sume they are inputs, and therefore all IL pins are in a high
impedance state. Each IL pin may be individually pro-
grammed as a logic input or output by writing the appropriate
instruction to the LDR, see
Table 1 and Table 3. For mini-
mum power dissipation, unconnected latch pins should be
programmed as outputs. For the TP3076, bits 2 and 3 should
always be programmed as “1” (outputs).
Bits L
3–L0 must be set by writing the specific instruction to
the LDR with the L bits in the second byte set as follows:
TABLE 3. Byte 2 Functions of Latch Direction Register
Byte 2 Bit Number
76543210
L
0
L
1
L
2
L
3
11
X
X
L
n Bit
IL Direction
0
Input
1
Output
X = Don’t Care
INTERFACE LATCH STATES
Interface Latches configured as outputs assume the state
determined by the appropriate data bit in the 2-byte instruc-
tion written to the Interface Latch Register (ILR) as shown in
Table 1 and Table 4. Latches configured as inputs will sense
the state applied by an external source, such as the
Off-Hook detect output of a SLIC. All bits of the ILR, i.e.
sensed inputs and the programmed state of outputs, can be
read back in the 2nd byte of a READ from the ILR.
It is recommended that during initialization, the state of IL
pins to be configured as outputs should be programmed first
followed immediately by the Latch Direction Register.
TABLE 4. Interface Latch Data Bit Order
Bit Number
76543210
D
0
D
1
D
2
D
3
D
4
D
5
XX
TABLE 5. Coding Law Conventions
µ255 Law
True A-Law with
A-Law without
Even Bit Inversion
Even Bit Inversion
MSB
LSB
MSB
LSB
MSB
LSB
V
IN = +Full Scale
10000000
10101010
111111111
V
IN = 0V
11111111
11010101
100000000
11111111
01010101
000000000
V
IN = −Full Scale
00000000
00101010
011111111
Note 5: The MSB is always the first PCM bit shifted in or out of COMBO II.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com