Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) TP3076 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical Characteristics (Continued)
Note 13: See definitions and timing conventions section.
Timing Specifications
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%;VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other production
tests and/or product design and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V,
T
A = 25˚C.
All timing parameters are measured at V
OH = 2.0V and VOL = 0.7V.
See Definitions and Timing Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER CLOCK TIMING
f
MCLK
Frequency of MCLK
Selection of Frequency is Programmable
512
kHz
(See
Table 5)
1536
kHz
1544
kHz
2048
kHz
4096
kHz
t
WMH
Period of MCLK High
Measured from V
IH to VIH (Note 14)
80
ns
t
WML
Period of MCLK Low
Measured from V
IL to VIL (Note 14)
80
ns
t
RM
Rise Time of MCLK
Measured from V
IL to VIH
30
ns
t
FM
Fall Time of MCLK
Measured from V
IH to VIL
30
ns
t
HBM
HOLD Time, BCLK LOW
50
ns
to MCLK HIGH
t
WFL
Period of FS
X
Measured from V
IL to VIL
1
MCLK
or FS
R Low
Period
PCM INTERFACE TIMING
f
BCLK
Frequency of BCLK
May Vary from 64 kHz to 4096 kHz
64
4096
kHz
in 8 kHz Increments
t
WBH
Period of BCLK High
Measured from V
IH to VIH
80
ns
t
WBL
Period of BCLK Low
Measured from V
IL to VIL
80
ns
t
RB
Rise Time of BCLK
Measured from V
IL to VIH
30
ns
t
FB
Fall Time of BCLK
Measured from V
IH to VIL
30
ns
t
HBF
Hold Time, BCLK Low
30
ns
to FS
X/R High or Low
t
SFB
Setup Time, FS
X/R
30
ns
High to BCLK Low
t
DBD
Delay Time, BCLK High
Load = 100 pF Plus 2 LSTTL Loads
80
ns
to Data Valid
t
DBZ
Delay Time, BCLK Low to D
X1DX1 disabled is measured
Disabled if FS
X Low, FSX Low to
at V
OL or VOH according
D
X1 disabled if 8th BCLK
to
Figure 5
15
80
ns
Low, or BCLK High to D
X1
Disabled if FS
X High
t
DBT
Delay Time, BCLK High to
Load = 100 pF Plus 2 LSTTL Loads
TS
X Low if FSX High, or
60
ns
FS
X High to TSX Low if
BCLK High (Nondelayed mode); BCLK
High to TS
X Low (delayed data mode)
t
ZBT
TRI-STATE Time, BCLK Low to
TS
X High if FSX Low, FSX Low
to TS
X High if 8th BCLK Low, or
15
60
ns
BCLK High to TS
X High if FSX High
t
DFD
Delay Time, FS
X/R
Load = 100 pF Plus 2 LSTTL Loads,
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com