Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP3076 Datasheet HTML 1Page - National Semiconductor (TI) TP3076 Datasheet HTML 2Page - National Semiconductor (TI) TP3076 Datasheet HTML 3Page - National Semiconductor (TI) TP3076 Datasheet HTML 4Page - National Semiconductor (TI) TP3076 Datasheet HTML 5Page - National Semiconductor (TI) TP3076 Datasheet HTML 6Page - National Semiconductor (TI) TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TP3076
COMBO® II Programmable PCM CODEC/Filter for ISDN
and Digital Phone Applications
General Description
The TP3076 is a second-generation combined PCM CODEC
and Filter devices optimized for digital switching applications
on subscriber line and trunk cards and digital phone applica-
tions. Using advanced switched capacitor techniques,
COMBO II combines transmit bandpass and receive low-
pass channel filters with a companding PCM encoder and
decoder. The devices are A-law and µ-law selectable and
employ a conventional serial PCM interface capable of being
clocked up to 4.096 MHz. A number of programmable func-
tions may be controlled via a serial control port.
Channel gains are programmable over a 25.4 dB range in
each direction.
To enable COMBO II to interface to the SLIC control leads, a
number of programmable latches are included; each may be
configured as either an input or an output. The TP3076 pro-
vides 4 latches.
Features
n Complete CODEC and Filter system including:
— Transmit and receive PCM channel filters
— µ-law or A-law companding coder and decoder
— Receive power amplifier drives 300
Ω
— 4.096 MHz serial PCM data (max)
n Programmable functions:
— Transmit gain: 25.4 dB range, 0.1 dB steps
— Receive gain: 25.4 dB range, 0.1 dB steps
— Time-slot assignment; to 64 slots/frame
— 4 interface latches
— A or µ-law
— Analog loopback
— Digital loopback
n Direct interface to solid-state SLICs
n Standard serial control interface
n 80 mW operating power (typ)
n 1.5 mW standby power (typ)
n Designed for CCITT and LSSGR specifications
n TTL and CMOS compatible digital interfaces
Note: See also AN-614 COMBO II application guide.
Block Diagram
TRI-STATE® and COMBO® are registered trademarks of National Semiconductor Corporation.
MICROWIRE/PLUS™ is a trademark of National Semiconductor Corporation.
DS009758-1
FIGURE 1.
April 1994
© 1999 National Semiconductor Corporation
DS009758
www.national.com


Similar Part No. - TP3076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
Texas Instruments
TP3070 TI1-TP3070 Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
TP3070-X TI1-TP3070-X Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
logo
National Semiconductor ...
TP3070J NSC-TP3070J Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
TP3070V NSC-TP3070V Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
More results

Similar Description - TP3076

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
PCM Codec-Filter
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
Samsung semiconductor
S5T8554B03 SAMSUNG-S5T8554B03 Datasheet
120Kb / 13P
CODEC FOR DIGITAL ANSWERING PHONE
logo
Asahi Kasei Microsystem...
AK2302 AKM-AK2302 Datasheet
488Kb / 16P
Dual PCM Codec/Filter COMBO LSI
AK2304A AKM-AK2304A Datasheet
419Kb / 17P
QUAD PCM CODEC/FILTER COMBO LSI
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
PCM CODEC - FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
PCM Codec-Filter
logo
Texas Instruments
TP3070V-XG TI1-TP3070V-XG Datasheet
381Kb / 28P
TP3070, TP3071, TP3070-X COMBO II Programmable PCM CODEC/Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com