Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) TP3076 Datasheet HTML 14Page - National Semiconductor (TI) TP3076 Datasheet HTML 15Page - National Semiconductor (TI) TP3076 Datasheet HTML 16Page - National Semiconductor (TI) TP3076 Datasheet HTML 17Page - National Semiconductor (TI) TP3076 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%,VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. f = 1015.625 Hz, VFXI = 0 dBm0, DR1 = 0 dBm0 PCM code.
Transmit and receive gains programmed for maximum 0 dBm0 test levels (0 dB Gain). All other limits are assured by correla-
tion with other production tests and/or product design and characterization. All signals referenced to GND. Typicals specified
at V
CC = +5V, VBB = −5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AMPLITUDE RESPONSE
G
XAL
Transmit Gain
Sinusoidal Test Method.
Variation with
Reference Level = 0 dBm0
Signal Level
VF
XI = −40 dBm0 to +3 dBm0
−0.2
0.2
dB
VF
XI = −50 dBm0 to −40 dBm0
−0.4
0.4
dB
VF
XI = −55 dBm0 to −50 dBm0
−1.2
1.2
dB
G
RA
Receive Gain
Receive Gain Programmed for Maximum
Absolute Accuracy
0 dBm0 Test Level. Apply 0 dBm0
−0.15
0.15
dB
PCM Code to D
R1. Measure VFR0.
T
A = 25˚C
G
RAG
Receive Gain
T
A = 25˚C, VCC = 5V, VBB = −5V
Variation with
Programmed Gain from 0 dB to 19 dB
Programmed Gain
(0 dBm0 Levels of 1.964 Vrms to 0.220 Vrms)
−0.1
0.1
dB
Programmed Gain from 19.1 dB to 25.4 dB
(0 dBm0 Levels of 0.218 Vrms to 0.105 Vrms)
−0.3
0.3
dB
Note: ±0.1 dB Min/Max is Available as a Selected Part
G
RAT
Receive Gain
Measured Relative to G
RA.
Variation with
V
CC = 5V, VBB = −5V.
−0.1
0.1
dB
Temperature
Minimum Gain < G
R < Maximum Gain
G
RAF
Receive Gain
Relative to 1015.625 Hz, (Note 18)
Variation with
D
R1 = 0 dBm0 Code.
Frequency
Minimum Gain < G
R < Maximum Gain
f = 200 Hz
−0.25
0.15
dB
f = 300 Hz to 3000 Hz
−0.15
0.15
dB
f = 3400 Hz
−0.7
0.0
dB
f = 4000 Hz
−14
dB
G
R = 0 dB, DR1 = 0 dBm0 Code,
G
X = 0 dB (Note 18)
f = 296.875 Hz
−0.15
0.15
dB
f = 1875.00 Hz
−0.15
0.15
dB
f = 2906.25 Hz
−0.15
0.15
dB
f = 2984.375 Hz
−0.15
0.15
dB
f = 3406.250 Hz
−0.74
0.0
dB
f = 3984.375 Hz
−13.5
dB
G
RAL
Receive Gain
Sinusoidal Test Method.
Variation with
Reference Level = 0 dBm0.
Signal Level
D
R1 = −40 dBm0 to +3 dBm0
−0.2
0.2
dB
D
R1 = −50 dBm0 to −40 dBm0
−0.4
0.4
dB
D
R1 = −55 dBm0 to −50 dBm0
−1.2
1.2
dB
DR
1 = 3.1 dBm0 −0.5
R
L = 600Ω,GR = −0.5 dB
−0.2
0.2
dB
R
L = 300Ω,GR = 1.2 dB
−0.2
0.2
dB
ENVELOPE DELAY DISTORTION WITH FREQUENCY
D
XA
Tx Delay, Absolute
f = 1600 Hz
315
µs
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com