Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3076 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3076
Description  COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3076 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TP3076 Datasheet HTML 7Page - National Semiconductor (TI) TP3076 Datasheet HTML 8Page - National Semiconductor (TI) TP3076 Datasheet HTML 9Page - National Semiconductor (TI) TP3076 Datasheet HTML 10Page - National Semiconductor (TI) TP3076 Datasheet HTML 11Page - National Semiconductor (TI) TP3076 Datasheet HTML 12Page - National Semiconductor (TI) TP3076 Datasheet HTML 13Page - National Semiconductor (TI) TP3076 Datasheet HTML 14Page - National Semiconductor (TI) TP3076 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Timing Specifications (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5V ±5%;VBB = −5V ±5%;TA = 0˚C to
+70˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other production
tests and/or product design and characterization. All signals referenced to GND. Typicals specified at V
CC = +5V, VBB = −5V,
T
A = 25˚C.
All timing parameters are measured at V
OH = 2.0V and VOL = 0.7V.
See Definitions and Timing Conventions section for test methods information.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PCM INTERFACE TIMING
High to Data Valid
Applies if FS
X/R Rises Later Than
80
ns
BCLK Rising Edge in Non-Delayed Data
Mode Only
t
SDB
Setup Time, D
R1
30
ns
Valid to BCLK Low
t
HBD
Hold Time, BCLK
15
ns
Low to D
R1 Invalid
SERIAL CONTROL PORT TIMING
f
CCLK
Frequency of CCLK
2048
kHz
t
WCH
Period of CCLK High
Measured from V
IH to VIH
160
ns
t
WCL
Period of CCLK Low
Measured from V
IL to VIH
160
ns
t
RC
Rise Time of CCLK
Measured from V
IL to VIH
50
ns
t
FC
Fall Time of CCLK
Measured of V
IH to VIL
50
ns
t
HCS
Hold Time, CCLK Low
CCLK1
10
ns
to CS Low
t
HSC
Hold Time, CCLK
CCLK8
100
ns
Low to CS High
t
SSC
Setup Time, CS
60
ns
Transition to CCLK Low
t
SSC0
Setup Time, CS
To Insure CO is Not Enabled
60
ns
Transition to CCLK High
for Single Byte
t
SDC
Setup Time, CI
50
ns
Data In to CCLK Low
t
HCD
Hold Time, CCLK
50
ns
Low to CO Invalid
t
DCD
Delay Time, CCLK High
Load = 100 pF Plus 2 LSTTL Loads
80
ns
to CO Data Out Valid
t
DSD
Delay Time, CS Low
Applies Only if Separate
80
ns
to CO Valid
CS Used for Byte 2
t
DDZ
Delay Time, CS or 9th CCLK
Applies to Earlier of CS
15
80
ns
High to CO High Impedance
High or 9th CCLK High
INTERFACE LATCH TIMING
t
SLC
Setup Time, IL to
Interface Latch Inputs Only
100
ns
CCLK 8 of Byte 1
t
HCL
Hold Tme, IL Valid from
50
ns
8th CCLK Low (Byte 1)
t
DCL
Delay Time CCLK8 of
Interface Latch Outputs Only
200
ns
Byte2toIL
C
L = 50 pF
Note 14: Applies only to MCLK Frequencies
≥ 1.536 MHz. At 512 kHz a 50:50 ±2% Duty Cycle must be used.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com