Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 3Page - Cirrus Logic CS5532-AS Datasheet HTML 4Page - Cirrus Logic CS5532-AS Datasheet HTML 5Page - Cirrus Logic CS5532-AS Datasheet HTML 6Page - Cirrus Logic CS5532-AS Datasheet HTML 7Page - Cirrus Logic CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
CS5531/32/33/34
DS289PP5
7
ANALOG CHARACTERISTICS (Continued) (See Notes 1 and 2.)
7. All outputs unloaded. All input CMOS levels.
8. Power is specified when the instrumentation amplifier (Gain
≥ 2) is on. Analog supply current is reduced
by approximately 1/2 when the instrumentation amplifier is off (Gain = 1).
9. Tested with 100 mV change on VA+ or VA-.
Parameter
CS5531/32/33/34-AS
CS5532/34-BS
Min
Typ
Max
Min
Typ
Max
Unit
Power Supplies
DC Power Supply Currents (Normal Mode)
IA+, IA-
ID+
-
-
6
0.5
8
1
-
-
13
0.5
15
1
mA
mA
Power Consumption
Normal Mode (Notes 7 and 8)
Standby
Sleep
-
-
-
35
3
500
45
-
-
-
-
-
70
4
500
80
-
-
mW
mW
µW
Power Supply Rejection
(Note 9)
dc Positive Supplies
dc Negative Supply
-
-
115
115
-
-
-
-
115
115
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com