Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 14Page - Cirrus Logic CS5532-AS Datasheet HTML 15Page - Cirrus Logic CS5532-AS Datasheet HTML 16Page - Cirrus Logic CS5532-AS Datasheet HTML 17Page - Cirrus Logic CS5532-AS Datasheet HTML 18Page - Cirrus Logic CS5532-AS Datasheet HTML 19Page - Cirrus Logic CS5532-AS Datasheet HTML 20Page - Cirrus Logic CS5532-AS Datasheet HTML 21Page - Cirrus Logic CS5532-AS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
CS5531/32/33/34
18
DS289PP5
include writing the RS bit back to 0 insures
the clearing of the RS bit in the event that a
user does not write into the configuration
register after the RS bit has been set.
The RV bit in the Configuration Register is set to
indicate a valid reset has occurred. The RS bit
should be written back to logic “0” to complete the
reset cycle. After a system initialization or reset,
the on-chip controller is initialized into command
mode where it waits for a valid command (the first
8-bits written into the serial port are shifted into the
command register). Once a valid command is re-
ceived and decoded, the byte instructs the converter
to either acquire data from or transfer data to an in-
ternal register(s), or perform a conversion or a cal-
ibration. The Command Register Descriptions
section can be used to decode all valid commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com