Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 5 Page - Cirrus Logic

  CS5532-AS Datasheet HTML 1Page - Cirrus Logic CS5532-AS Datasheet HTML 2Page - Cirrus Logic CS5532-AS Datasheet HTML 3Page - Cirrus Logic CS5532-AS Datasheet HTML 4Page - Cirrus Logic CS5532-AS Datasheet HTML 5Page - Cirrus Logic CS5532-AS Datasheet HTML 6Page - Cirrus Logic CS5532-AS Datasheet HTML 7Page - Cirrus Logic CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
CS5531/32/33/34
DS289PP5
5
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (VA+, VD+ = 5 V ±5%; VREF+ = 5 V; VA-, VREF-, DGND = 0 V;
MCLK = 4.9152 MHz; OWR (Output Word Rate) = 60 Sps; Bipolar Mode; Gain = 32)
(See Notes 1 and 2.)
Notes: 1. Applies after system calibration at any temperature within -40 °C ~ +85 °C.
2. Specifications guaranteed by design, characterization, and/or test. LSB is 16 bits for the CS5531/33 and
LSB is 24 bits for the CS5532/34.
3.
This specification applies to the device only and does not include any effects by external parasitic
thermocouples. The PGIA contributes 5 nV of offset drift, and the modulator contributes 640/G nV of
offset drift, where G is the amplifier gain setting.
4. Drift over specified temperature range after calibration at power-up at 25 °C.
Parameter
CS5531-AS/CS5533-AS
Unit
Min
Typ
Max
Accuracy
Linearity Error
-
±0.0015
±0.003
%FS
No Missing Codes
16
-
-
Bits
Bipolar Offset
-
±1±2
LSB16
Unipolar Offset
-
±2
±4LSB
16
Offset Drift
(Notes 3 and 4)
-
640/G + 5
-
nV/°C
Bipolar Full Scale Error
-
±8
±31
ppm
Unipolar Full Scale Error
-
±16
±62
ppm
Full Scale Drift
(Note 4)
-
2
-
ppm/°C
Parameter
CS5532-AS/CS5534-AS
CS5532-BS/CS5534-BS
Unit
Min
Typ
Max
Min
Typ
Max
Accuracy
Linearity Error
-
±0.0015
±0.003
-
±0.0007 ±0.0015
%FS
No Missing Codes
24
-
-
24
-
-
Bits
Bipolar Offset
-
±16
±32
-
±16
±32
LSB24
Unipolar Offset
-
±32
±64
-
±32
±64
LSB24
Offset Drift
(Notes 3 and 4)
-
640/G + 5
-
-
640/G + 5
-
nV/°C
Bipolar Full Scale Error
-
±8
±31
-
±8
±31
ppm
Unipolar Full Scale Error
-
±16
±62
-
±16
±62
ppm
Full Scale Drift
(Note 4)
-
TBD
-
-
2
-
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com