Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 4Page - Cirrus Logic CS5532-AS Datasheet HTML 5Page - Cirrus Logic CS5532-AS Datasheet HTML 6Page - Cirrus Logic CS5532-AS Datasheet HTML 7Page - Cirrus Logic CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic CS5532-AS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
CS5531/32/33/34
8
DS289PP5
TYPICAL RMS NOISE (nV), CS5531/32/33/34-AS (See notes 10, 11 and 12)
Notes: 10. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
11. For Peak-to-Peak Noise multiply by 6.6 for all ranges and output rates.
12. Word rates and -3dB points with FRS = 0. When FRS = 1, word rates and -3dB points scale by 5/6.
TYPICAL NOISE FREE RESOLUTION(BITS), CS5532/34-AS (See Notes 13 and 14)
13. Noise Free Resolution listed is for Bipolar operation, and is calculated as LOG((Input Span)/(6.6xRMS
Noise))/LOG(2) rounded to the nearest bit. For Unipolar operation, the input span is 1/2 as large, so one
bit is lost. The input span is calculated in the analog input span section of the data sheet. The Noise
Free Resolution table is computed with a value of 1.0 in the gain register. Values other than 1.0 will
scale the noise, and change the Noise Free Resolution accordingly.
14. “Noise Free Resolution” is not the same as “Effective Resolution”. Effective Resolution is based on the
RMS noise value, while Noise Free Resolution is based on a peak-to-peak noise value specified as 6.6
times the RMS noise value. Effective Resolution is calculated as LOG((Input Span)/(RMS
Noise))/LOG(2).
Specifications are subject to change without notice.
Output Word
Rate (Sps)
-3 dB Filter
Frequency (Hz)
Instrumentation Amplifier Gain
x64
x32
x16
x8
x4
x2
x1
7.5
1.94
171719264279
155
15
3.88
24
25
27
36
59
111
218
30
7.75
34
35
39
51
84
157
308
60
15.5
48
49
54
72
118
222
436
120
31
68
70
77
102
167
314
616
240
62
115
160
276
527
1040
2070
4150
480
122
163
230
392
748
1480
2950
5890
960
230
229
321
554
1060
2090
4170
8340
1,920
390
344
523
946
1840
3650
7290
14600
3,840
780
1390
2710
5390
10800
21500
43000
86100
Output Word
Rate (Sps)
-3 dB Filter
Frequency (Hz)
Instrumentation Amplifier Gain
x64
x32
x16
x8
x4
x2
x1
7.5
1.94
1920212222
22
22
15
3.88
19
20
21
21
21
22
22
30
7.75
18
19
20
21
21
21
21
60
15.5
1819202020
21
21
120
31
17
18
19
20
20
20
20
240
62
16
17
17
17
17
17
17
480
122
16
17
17
17
17
17
17
960
230
15
16
16
16
16
16
16
1,920
390
15
15
15
15
15
15
15
3,840
780
13
13
13
13
13
13
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com