Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 8Page - Cirrus Logic CS5532-AS Datasheet HTML 9Page - Cirrus Logic CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic CS5532-AS Datasheet HTML 12Page - Cirrus Logic CS5532-AS Datasheet HTML 13Page - Cirrus Logic CS5532-AS Datasheet HTML 14Page - Cirrus Logic CS5532-AS Datasheet HTML 15Page - Cirrus Logic CS5532-AS Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
CS5531/32/33/34
12
DS289PP5
SWITCHING CHARACTERISTICS (VA+ = 2.5 V or 5 V ±5%; VA- = -2.5V±5% or 0 V; VD+ = 3.0 V
±10% or 5 V ±5%;DGND = 0 V; Levels: Logic 0 = 0 V, Logic 1 = VD+; CL =50pF;
See Figures 1 and 2.)
Notes: 31. Device parameters are specified with a 4.9152 MHz clock.
32. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
33. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an
external clock source.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 31)
External Clock or Crystal Oscillator
MCLK
1
4.9152
5
MHz
Master Clock Duty Cycle
40
-
60
%
Rise Times
(Note 32)
Any Digital Input Except SCLK
SCLK
Any Digital Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Fall Times
(Note 32)
Any Digital Input Except SCLK
SCLK
Any Digital Output
tfall
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 4.9152 MHz
(Note 33)
tost
-20
-
ms
Serial Port Timing
Serial Clock Frequency
SCLK
0
-
2
MHz
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
250
250
-
-
-
-
ns
ns
SDI Write Timing
CS Enable to Valid Latch Clock
t3
50
-
-
ns
Data Set-up Time prior to SCLK rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
100
-
-
ns
SCLK Falling Prior to CS Disable
t6
100
-
-
ns
SDO Read Timing
CS to Data Valid
t7
-
-
150
ns
SCLK Falling to New Data Bit
t8
-
-
150
ns
CS Rising to SDO Hi-Z
t9
-
-
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com