Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 36Page - Cirrus Logic CS5532-AS Datasheet HTML 37Page - Cirrus Logic CS5532-AS Datasheet HTML 38Page - Cirrus Logic CS5532-AS Datasheet HTML 39Page - Cirrus Logic CS5532-AS Datasheet HTML 40Page - Cirrus Logic CS5532-AS Datasheet HTML 41Page - Cirrus Logic CS5532-AS Datasheet HTML 42Page - Cirrus Logic CS5532-AS Datasheet HTML 43Page - Cirrus Logic CS5532-AS Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
CS5531/32/33/34
40
DS289PP5
2.9. Digital Filter
The CS5531/32/33/34 have linear phase digital fil-
ters which are programmed to achieve a range of
output word rates (OWRs) as stated in the Channel-
Setup Register Descriptions section. The ADCs use
aSinc5 digital filter to output word rates at 3200
Sps and 3840 Sps (MCLK = 4.9152 MHz). Other
output word rates are achieved by using the Sinc5
filter followed by a Sinc3 filter with a programma-
ble decimation rate.Figure 16 shows the magnitude
response of the 60 Sps filter, while Figures 17 and
18 show the magnitude and phase response of the
filter at 120 Sps. The Sinc3 is active for all output
word rates except for the 3200 Sps and 3840 Sps
(MCLK = 4.9152 MHz) rate. The Z-transforms of
the two filters are shown in Figure 19. For the Sinc3
filter, “D” is the programmable decimation ratio,
which is equal to 3840/OWR when FRS = 0 and
3200/OWR when FRS = 1.
The converter’s digital filters scale with MCLK.
For example, with an output word rate of 120 Sps,
the filter’s corner frequency is at 31 Hz. If MCLK
is increased to 5.0 MHz, the OWR increases by
1.0175 percent and the filter’s corner frequency
moves to 31.54 Hz. Note that the converter is not
specified to run at MCLK clock frequencies greater
than 5 MHz.
Figure 16. Digital Filter Response (Word Rate = 60 Sps)
-120
-80
-40
0
0
60
120
180
240
300
Frequency (Hz)
-120
-80
-40
0
040
80
120
Frequency (Hz)
Flatness
Frequency
dB
2
-0.01
4
-0.05
6
-0.11
8
-0.19
10
-0.30
12
-0.43
14
-0.59
16
-0.77
19
-1.09
32
-3.13
Figure 17. 120 Sps Filter Magnitude Plot to 120 Hz
-180
-90
0
90
180
0
30
60
90
120
Frequency (Hz)
Figure 18. 120 Sps Filter Phase Plot to 120 Hz
Note:
See the text regarding the Sinc3 filter’s
decimation ratio “D”.
Sinc5
1
z 80
()5
1
z 16
()5
--------------------------
1
z 16
()3
1
z 4
()3
--------------------------
1
z 4
()2
1
z 2
()2
-----------------------
1
z 2
()3
1
z 1
()3
-----------------------
×
×
×
=
Sinc3
1
z D
()3
1
z 1
()3
-------------------------
=
Figure 19. Z-Transforms of Digital Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com