Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 41Page - Cirrus Logic CS5532-AS Datasheet HTML 42Page - Cirrus Logic CS5532-AS Datasheet HTML 43Page - Cirrus Logic CS5532-AS Datasheet HTML 44Page - Cirrus Logic CS5532-AS Datasheet HTML 45Page - Cirrus Logic CS5532-AS Datasheet HTML 46Page - Cirrus Logic CS5532-AS Datasheet HTML 47Page - Cirrus Logic CS5532-AS Datasheet HTML 48Page - Cirrus Logic CS5532-AS Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
CS5531/32/33/34
DS289PP5
45
2.12. Getting Started
This A/D converter has several features. From a
software programmer’s prospective, what should
be done first? To begin, a 4.9152 MHz or 4.096
MHz crystal takes approximately 20 ms to start. To
accommodate for this, it is recommended that a
software delay of approximately 20 ms start the
processor’s ADC initialization code. Next, since
the CS5531/32/33/34 do not provide a power-on-
reset function, the user must first initialize the ADC
to a known state. This is accomplished by resetting
the ADC’s serial port with the Serial Port Initializa-
tion sequence. This sequence resets the serial port
to the command mode and is accomplished by
transmitting 15 SYNC1 command bytes (0xFF
hexadecimal), followed by one SYNC0 command
(0xFE hexadecimal). Once the serial port of the
ADC is in the command mode, the user must reset
all the internal logic by performing a system reset
sequence (see 2.3.2 System Reset Sequence). The
next action is to initialize the voltage reference
mode. The voltage reference select (VRS) bit in the
configuration register must be set based upon the
magnitude of the reference voltage between the
VREF+ and the VREF- pins.
After this, the channel-setup registers (CSRs) should
be initialized, as these registers determine how cali-
brations and conversions will be performed. Once
the CSRs are initialized, the user has three options in
calibrating the ADC: 1) don’t calibrate and use the
default settings; 2) perform self or system calibra-
tions; or 3) upload previously saved calibration re-
sults to the offset and gain registers. At this point,
the ADC is ready to perform conversions.
2.13. PCB Layout
For optimal performance, the CS5531/32/33/34
should be placed entirely over an analog ground
plane. All grounded pins on the ADC, including the
DGND pin, should be connected to the analog
ground plane that runs beneath the chip. In a split-
plane system, place the analog-digital plane split
immediately adjacent to the digital portion of the
chip.
Note:
See the CDB5531/32/33/34 data sheet for
suggested layout details and Applications
Note 18 for more detailed layout guidelines.
Before layout, please call for our Free
Schematic Review Service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com