Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 38Page - Cirrus Logic CS5532-AS Datasheet HTML 39Page - Cirrus Logic CS5532-AS Datasheet HTML 40Page - Cirrus Logic CS5532-AS Datasheet HTML 41Page - Cirrus Logic CS5532-AS Datasheet HTML 42Page - Cirrus Logic CS5532-AS Datasheet HTML 43Page - Cirrus Logic CS5532-AS Datasheet HTML 44Page - Cirrus Logic CS5532-AS Datasheet HTML 45Page - Cirrus Logic CS5532-AS Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
CS5531/32/33/34
42
DS289PP5
OSC2
VD+
VA+
VREF+
VREF-
DGND
VA -
AIN1+
SDI
SCLK
SDO
CS5532
OSC1
CS
10 Ω
+5 V
Analog
Supply
0.1 µF
0.1 µF
+
-
17
3
1
2
AIN1-
515
9
10
13
11
12
14
16
6
Optional
Clock
Source
Serial
Data
Interface
4.9152 MHz
20
AIN2+
19 AIN2-
7
A0
8
A1
C1
C2
4
22 nF
18
Figure 21. CS5532 Configured with a Single +5 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com