Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 10Page - Cirrus Logic CS5532-AS Datasheet HTML 11Page - Cirrus Logic CS5532-AS Datasheet HTML 12Page - Cirrus Logic CS5532-AS Datasheet HTML 13Page - Cirrus Logic CS5532-AS Datasheet HTML 14Page - Cirrus Logic CS5532-AS Datasheet HTML 15Page - Cirrus Logic CS5532-AS Datasheet HTML 16Page - Cirrus Logic CS5532-AS Datasheet HTML 17Page - Cirrus Logic CS5532-AS Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
CS5531/32/33/34
14
DS289PP5
2. GENERAL DESCRIPTION
The CS5531/32/33/34 are highly integrated
∆Σ An-
alog-to-Digital Converters (ADCs) which use
charge-balance
techniques
to
achieve
16-bit
(CS5531/33) and 24-bit (CS5532/34) performance.
The ADCs are optimized for measuring low-level
unipolar or bipolar signals in weigh scale, process
control, scientific, and medical applications.
To accommodate these applications, the ADCs
come as either two-channel (CS5531/32) or four-
channel (CS5533/34) devices and include a very
low noise chopper-stabilized programmable gain
instrumentation amplifier (PGIA, 6 nV/
√Hz @0.1
Hz) with selectable gains of 1×, 2×, 4×, 8×, 16×,
32×, and 64×. These ADCs also include a fourth or-
der
∆Σ modulator followed by a digital filter which
provides twenty selectable output word rates of 6.25,
7.5, 12.5, 15, 25, 30, 50, 60, 100, 120, 200, 240, 400,
480, 800, 960, 1600, 1920, 3200, and 3840 Samples
per second (MCLK = 4.9152 MHz).
To ease communication between the ADCs and a
micro-controller, the converters include a simple
three-wire serial interface which is SPI and Mi-
crowire compatible with a Schmitt Trigger input on
the serial clock (SCLK).
2.1. Analog Input
Figure 3 illustrates a block diagram of the
CS5531/32/33/34. The front end consists of a multi-
plexer, a unity gain coarse/fine charge input buffer,
and a programmable gain chopper-stabilized instru-
mentation amplifier. The unity gain buffer is activat-
ed any time conversions are performed with a gain
of one and the instrumentation amplifier is activated
any time conversions are performed with gain set-
tings greater than one.
The unity gain buffer is designed to accommodate
rail to rail input signals. The common-mode plus
signal range for the unity gain buffer amplifier is
VA- to VA+. Typical CVF (sampling) current for
the unity gain buffer amplifier is about 500 nA
(MCLK = 4.9152 MHz, see Figure 4).
The instrumentation amplifier is chopper-stabi-
lized and operates with a chop clock frequency of
MCLK/128. The CVF (sampling) current into the
instrumentation amplifier is typically 500 pA over
VREF+
Sinc
Digital
Filter
XGAIN
M
U
X
AIN2+
AIN2-
AIN1+
AIN1-
CS5531/32 IN+
IN-
AIN4+
AIN4-
*
*
*
AIN1+
AIN1-
CS5533/34
M
U
X
IN+
IN-
IN+
IN-
GAIN is the gain setting of the PGIA (i.e. 2, 4, 8, 16, 32, 64)
X1
X1
X1
VREF-
X1
Differential
4
Order
∆Σ
Modulator
th
5
Programmable
Sinc
Digital Filter
3
Serial
Port
1000
Ω
1000
Ω
22 nF
C1 PIN
C2 PIN
Figure 3. Multiplexer Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com