Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 26Page - Cirrus Logic CS5532-AS Datasheet HTML 27Page - Cirrus Logic CS5532-AS Datasheet HTML 28Page - Cirrus Logic CS5532-AS Datasheet HTML 29Page - Cirrus Logic CS5532-AS Datasheet HTML 30Page - Cirrus Logic CS5532-AS Datasheet HTML 31Page - Cirrus Logic CS5532-AS Datasheet HTML 32Page - Cirrus Logic CS5532-AS Datasheet HTML 33Page - Cirrus Logic CS5532-AS Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
CS5531/32/33/34
30
DS289PP5
2.4.1. Channel-Setup Register Descriptions
CS1-CS0 (Channel Select Bits) [31:30] [15:14]
00
Select physical channel 1 (All devices)
01
Select physical channel 2 (All devices)
10
Select physical channel 3 (CS5533/34 only)
11
Select physical channel 4 (CS5533/34 only)
G2-G0 (Gain Bits) [29:27] [13:11]
For VRS = 0, A = 2; For VRS = 1, A = 1; Bipolar input span is twice the unipolar input span.
000
Gain = 1, (Input Span = [(VREF+)-(VREF-)]/1*A for unipolar).
001
Gain = 2, (Input Span = [(VREF+)-(VREF-)]/2*A for unipolar).
010
Gain = 4, (Input Span = [(VREF+)-(VREF-)]/4*A for unipolar).
011
Gain = 8, (Input Span = [(VREF+)-(VREF-)]/8*A for unipolar).
100
Gain = 16, (Input Span = [(VREF+)-(VREF-)]/16*A for unipolar).
101
Gain = 32, (Input Span = [(VREF+)-(VREF-)]/32*A for unipolar).
110
Gain = 64, (Input Span = [(VREF+)-(VREF-)]/64*A for unipolar).
WR3-WR0 (Word Rate) [26:23] [10:7]
The listed Word Rates are for continuous conversion mode using a 4.9152 MHz clock. All word rates will
scale linearly with the clock frequency used. The very first conversion using continuous conversion mode
will last longer, as will conversions done with the single conversion mode. See the section on Performing
Conversions and Tables 1 and 2 for more details.
Bit
WR (FRS = 0)
WR (FRS = 1)
0000
120 Sps
100 Sps
0001
60 Sps
50 Sps
0010
30 Sps
25 Sps
0011
15 Sps
12.5 Sps
0100
7.5 Sps
6.25 Sps
1000
3840 Sps
3200 Sps
1001
1920 Sps
1600 Sps
1010
960 Sps
800 Sps
1011
480 Sps
400 Sps
1100
240 Sps
200 Sps
All other combinations are not used.
D31(MSB)
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
CS1
CS0
G2
G1
G0
WR3
WR2
WR1
WR0
U/B
OL1
OL0
DT
OCD
OG1
OG0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CS1
CS0
G2
G1
G0
WR3
WR2
WR1
WR0
U/B
OL1
OL0
DT
OCD
OG1
OG0
CSR
#1
Setup 1
Bits <127:112>
Setup 2
Bits <111:96>
#4
Setup 7
Bits <31:16>
Setup 8
Bits <15:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com